Electronic Components Datasheet Search
  English  ▼

X  

ICS843011C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS843011C
Description  FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843011C Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS843011C Datasheet HTML 1Page - Renesas Technology Corp ICS843011C Datasheet HTML 2Page - Renesas Technology Corp ICS843011C Datasheet HTML 3Page - Renesas Technology Corp ICS843011C Datasheet HTML 4Page - Renesas Technology Corp ICS843011C Datasheet HTML 5Page - Renesas Technology Corp ICS843011C Datasheet HTML 6Page - Renesas Technology Corp ICS843011C Datasheet HTML 7Page - Renesas Technology Corp ICS843011C Datasheet HTML 8Page - Renesas Technology Corp ICS843011C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ICS843011CG REVISION A MARCH 12, 2014
3
ICS843011C Data Sheet
FEMTOCLOCK® CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
TABLE 2A. POWER SUPPLY DC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Core Supply Voltage
3.135
3.3
3.465
V
V
CCA
Analog Supply Voltage
V
CC – 0.12
3.3
V
CC
V
I
CCA
Analog Supply Current
included in I
EE
12
mA
I
EE
Power Supply Current
90
mA
TABLE 2B. LVPECL DC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OH
Output High Voltage; NOTE 1
V
CC - 1.4
V
CC - 0.9
V
V
OL
Output Low Voltage; NOTE 1
V
CC - 2.0
V
CC - 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
NOTE 1: Outputs terminated with 50
Ω to V
CC - 2V.
TABLE 4. AC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 3. CRYSTAL CHARACTERISTICS
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
25
26.5625
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
1mW
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
101.7°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stre ss es b eyon d
th os e
listed u nd er Abs olute
Ma ximu m Ra ting s may ca us e pe rman en t da ma ge to th e
device. These ratings are stress specifications only. Functional op-
eration of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
F
OUT
Output Frequency
25MHz
100
MHz
26.5625MHz
106.25
MHz
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 1
106.25MHz;
Integration Range: 637kHz - 10MHz
0.29
ps
100MHz;
Integration Range: 637kHz - 10MHz
0.29
ps
t
R / tF
Output Rise/Fall Time
20% to 80%
250
500
ps
odc
Output Duty Cycle
49
51
%
NOTE 1: Please refer to the Phase Noise Plots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com