Electronic Components Datasheet Search
  English  ▼

X  

843034 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

843034 Datasheet(HTML) 2 Page - Renesas Technology Corp

  843034 Datasheet HTML 1Page - Renesas Technology Corp 843034 Datasheet HTML 2Page - Renesas Technology Corp 843034 Datasheet HTML 3Page - Renesas Technology Corp 843034 Datasheet HTML 4Page - Renesas Technology Corp 843034 Datasheet HTML 5Page - Renesas Technology Corp 843034 Datasheet HTML 6Page - Renesas Technology Corp 843034 Datasheet HTML 7Page - Renesas Technology Corp 843034 Datasheet HTML 8Page - Renesas Technology Corp 843034 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Block Diagram
OSC
÷M
0
1
000
001
010
011
100
101
110
111
÷1
÷2
÷3
÷4
÷5
÷6
÷8
÷16
OSC
VCO
00
01
10
11
OE_A
OE_B
MR
VCO_SEL
CLK
nCLK
SEL1
SEL0
TEST_CLK
OE_REF
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M8:M0
XTAL_IN0
XTAL_OUT0
XTAL_IN1
XTAL_OUT1
FOUTA0
nFOUTA0
FOUTB0
nFOUTB0
REF_OUT
TEST
VCCO_REF
VCCO_B
VCCO_A
Pullup/Pulldown
Pulldown
Pullup
Pullup
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Configuration
Interface
Logic
Phase
Detector
M0:M4 M6:M8 Pulldown, M5 Pullup
NA2, NA0, NA1
Pulldown, Pullup, Pullup
NB2, NB0, NB1
Pulldown, Pullup, Pullup
000
001
010
011
100
101
110
111
÷1
÷2
÷3
÷4
÷5
÷6
÷8
÷16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com