Electronic Components Datasheet Search
  English  ▼

X  

ICS843SDN Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS843SDN
Description  FEMTOCLOCK™ CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843SDN Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS843SDN Datasheet HTML 6Page - Renesas Technology Corp ICS843SDN Datasheet HTML 7Page - Renesas Technology Corp ICS843SDN Datasheet HTML 8Page - Renesas Technology Corp ICS843SDN Datasheet HTML 9Page - Renesas Technology Corp ICS843SDN Datasheet HTML 10Page - Renesas Technology Corp ICS843SDN Datasheet HTML 11Page - Renesas Technology Corp ICS843SDN Datasheet HTML 12Page - Renesas Technology Corp ICS843SDN Datasheet HTML 13Page - Renesas Technology Corp ICS843SDN Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ICS843SDN
FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR
10
ICS843SDNAG REV. A
NOVEMBER 13, 2012
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in Figure 6.
Figure 6. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage
of VCC – 2V.
•
For logic high, VOUT = VOH_MAX = VCC_MAX – 0.9V
(VCC_MAX – VOH_MAX) = 0.9V
•
For logic low, VOUT = VOL_MAX = VCC_MAX – 1.7V
(VCC_MAX – VOL_MAX) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOH_MAX) = [(2V – (VCC_MAX – VOH_MAX))/RL] * (VCC_MAX – VOH_MAX) =
[(2V – 0.9V)/50
] * 0.9V = 19.8mW
Pd_L = [(VOL_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOL_MAX) = [(2V – (VCC_MAX – VOL_MAX))/RL] * (VCC_MAX – VOL_MAX) =
[(2V – 1.7V)/50
] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
V
OUT
V
CC
V
CC - 2V
Q1
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com