Electronic Components Datasheet Search
  English  ▼

X  

ICS844256DI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS844256DI
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844256DI Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS844256DI Datasheet HTML 1Page - Renesas Technology Corp ICS844256DI Datasheet HTML 2Page - Renesas Technology Corp ICS844256DI Datasheet HTML 3Page - Renesas Technology Corp ICS844256DI Datasheet HTML 4Page - Renesas Technology Corp ICS844256DI Datasheet HTML 5Page - Renesas Technology Corp ICS844256DI Datasheet HTML 6Page - Renesas Technology Corp ICS844256DI Datasheet HTML 7Page - Renesas Technology Corp ICS844256DI Datasheet HTML 8Page - Renesas Technology Corp ICS844256DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ICS844256DGI REVISION A AUGUST 5, 2010
5
©2010 Integrated Device Technology, Inc.
ICS844256DI Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
Table 4C. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 5%, VDDO = 3.3V ± 5% or 2.5V ± 5%, TA = -40°C to 85°C
Table 4D. LVDS DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 4E. LVDS DC Characteristics, VDD = 3.3V ± 5%, VDDO = 2.5V ± 5%, TA = -40°C to 85°C
Table 5. Crystal Characteristics
NOTE: Characterized using an 18pF parallel resonant crystal.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
FB_SEL
VDD = VIN = 3.465V
150
µA
PLL_BYPASS,
N_SEL0, N_SEL1
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
FB_SEL
VDD = 3.465V, VIN = 0V
-5
µA
PLL_BYPASS,
N_SEL0, N_SEL1
VDD = 3.465V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
247
350
454
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.125
1.25
1.45
V
∆V
OS
VOS Magnitude Change
50
mV
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
247
350
454
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.125
1.25
1.45
V
∆V
OS
VOS Magnitude Change
50
mV
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
15.625
25.5
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
1mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com