Electronic Components Datasheet Search
  English  ▼

X  

ICS8546-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8546-01
Description  Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8546-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8546-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA SHEET
ICS8546AG-01 REVISION A FEBRUARY 25, 2011
1
©2011 Integrated Device Technology, Inc.
Low Skew, 1-
to-6, Crystal-to-LVDS
Fanout Buffer
ICS8546-01
General Description
The ICS8546-01 is a low skew, high performance 1-to-6 Crystal
Oscillator-to-LVDS Fanout Buffer. The ICS8546-01 has selectable
crystal, single ended or differential clock inputs. The single-ended
clock input accepts LVCMOS or LVTTL input levels and translate
them to LVDS levels. The CLK1, nCLK1 pair can accept most
standard differential input levels. The output enable is internally
synchronized to eliminate runt pulses on the outputs during
asynchronous assertion/ deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make the
ICS8546-01 ideal for those applications demanding well defined
performance and repeatability.
Features
• Six 3.3V or 2.5V LVDS outputs
• Selectable crystal oscillator, differential CLK1, nCLK1 pair
or LVCMOS/LVTTL clock input
• CLK1, nCLK1 pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, HCSL
• Maximum output frequency: 266MHz
• Crystal frequency range: 14MHz - 40MHz
• Output skew: 55ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Propagation delay: 2.45ns (maximum)
• Full 3.3V or 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
00
01
1X
OSC
D
LE
Q
Q0
nQ0
Q5
nQ5
6 LVDS Outputs
Pullup
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
CLK_EN
CLK_SEL0
CLK_SEL1
XTAL_IN
XTAL_OUT
CLK0
CLK1
nCLK1
Pin Assignment
ICS8546-01
24-Lead TSSOP
4.4mm x 7.8mm x 0.925mm package body
G Package
Top View
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
nQ2
Q2
VDDO
nQ1
Q1
GND
nQ0
Q0
CLK_SEL0
XTAL_IN
XTAL_OUT
CLK_EN
Q3
nQ3
VDDO
Q4
nQ4
VDD
Q5
nQ5
CLK_SEL1
nCLK1
CLK1
CLK0
Block Diagram


Similar Part No. - ICS8546-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8546-01 IDT-ICS8546-01 Datasheet
1,019Kb / 19P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
More results

Similar Description - ICS8546-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8543 ICST-ICS8543 Datasheet
92Kb / 7P
LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
REV. C MAY 21, 2001
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
ICS854S006AGILF IDT-ICS854S006AGILF Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8546-01 IDT-ICS8546-01 Datasheet
1,019Kb / 19P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
83905-01 RENESAS-83905-01 Datasheet
606Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer
05/01/15
83905 RENESAS-83905 Datasheet
691Kb / 22P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com