Electronic Components Datasheet Search
  English  ▼

X  

HTMS1301FTB/AF Datasheet(PDF) 37 Page - NXP Semiconductors

Part # HTMS1301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTB/AF Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button HTMS1301FTB/AF Datasheet HTML 33Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 34Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 35Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 36Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 37Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 38Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 39Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 40Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
37 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
20. Abbreviations
Table 39.
Abbreviations
Abbreviation
Definition
AC
Anticollision Code
AFI
Application Family Identifier
ASK
Amplitude Shift Keying
BC
Bi-phase Code
BPLC
Binary Pulse Length Coding
CRC
Cyclic Redundancy Check
DSFID
Data Storage Format Identifier
EEPROM
Electrically Erasable Programmable Memory
EOF
End Of Frame
ICR
Integrated Circuit Reference number
LSB
Least Significant Bit
LSByte
Least Significant Byte
m
Modulation Index
MC
Manchester Code
MFC
integrated circuit Manufacturer Code
MSB
Most Significant Bit
MSByte
Most Significant Byte
MSN
Manufacturer Serial Number
NA
No Access
NOB
Number Of Block
NOP
Number Of Pages
NOS
Number Of Slots
NSS
Number Of Sensors
OTP
One Time Programmable
PID
Product Identifier
PWD
Password
RFU
Reserved for Future Use
RND
Random Number
RO
Read Only
RTF
Reader Talks First
R/W
Read/Write
RWD
Read/Write Device
SOF
Start of Frame
UII
Unique Item Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com