Electronic Components Datasheet Search
  English  ▼

X  

ICS854110I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS854110I
Description  2.5V Differential LVDS Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS854110I Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS854110I Datasheet HTML 1Page - Renesas Technology Corp ICS854110I Datasheet HTML 2Page - Renesas Technology Corp ICS854110I Datasheet HTML 3Page - Renesas Technology Corp ICS854110I Datasheet HTML 4Page - Renesas Technology Corp ICS854110I Datasheet HTML 5Page - Renesas Technology Corp ICS854110I Datasheet HTML 6Page - Renesas Technology Corp ICS854110I Datasheet HTML 7Page - Renesas Technology Corp ICS854110I Datasheet HTML 8Page - Renesas Technology Corp ICS854110I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ICS854110AKI REVISION B JANUARY 27, 2011
3
©2011 Integrated Device Technology, Inc.
ICS854110I Data Sheet
2.5V DIFFERENTIAL LVDS CLOCK BUFFER
Function Tables
Table 3A. CLK_SEL Configuration Table
NOTE: CLK_SEL is an asynchronous control.
Table 3B. nOE Configuration Table
NOTE: OE is an asynchronous control.
Table 3C. RSET Configuration Table
NOTE: The RSET resistor at the ISET pin allows configuration of the
outputs to one of four pre-set output slew rates. A 5% variation of the
RSET resistor size will be tolerated.
NOTE: Slew rates are defined as ±100mV from the center of Q – nQ
signal.
Table 3D. Guaranteed Input Fail Safe Operations for CLK0, nCLK0 and CLK1, nCLK1
Input
Operation
CLK_SEL
0
CLK0, nCLK0 is the selected reference clock
1
CLK1, nCLK1 is the selected reference clock
Input
Operation
nOE
0
Outputs Qx, nQx are enabled.
1
Outputs Qx, nQx are in high-impedance state.
RSET
Typical Output Slew Rate (V/ns)
Resistor Size (k
Ω)
4
0.650 (fastest)
15
0.170
50
0.150
150
0.115 (slowest)
Input State of Selected Input
Outputs Q[0:9], nQ[0:9]
Logic Low (Selected Input: CLKx = LOW, nCLKx = HIGH)
Logic Low (Qx = LOW, nQx = HIGH)
Logic High (Selected Input: CLKx = HIGH, nCLKx = LOW)
Logic High (Qx = HIGH, nQx = LOW)
Inputs Open (Selected Input: CLKx = open, nCLKx = open)
Logic High (Qx = HIGH, nQx = LOW)
Inputs Shorted (Selected Input: CLKx shorted to nCLKx and tied to VDD)
Logic High (Qx = HIGH, nQx = LOW)
Input Shorted (Selected Input: CLKx shorted to nCLKx and floating)
Logic High (Qx = HIGH, nQx = LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com