Electronic Components Datasheet Search
  English  ▼

X  

ICSSSTUB32866B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICSSSTUB32866B
Description  25-Bit Configurable Registered Buffer for DDR2
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32866B Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICSSSTUB32866B Datasheet HTML 1Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 2Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 3Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 4Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 5Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Integrated
Circuit
Systems, Inc.
ICSSSTUB32866B
Advance Information
1165A—3/21/07
Recommended Application:
•
DDR2 Memory Modules
•
Provides complete DDR DIMM solution with
ICS97ULP877, 98ULPA877A
•
Ideal for DDR2 400,533, and 667
Product Features:
•
25-bit 1:1 or 14-bit 1:2 configurable registered buffer
with parity check functionality
•
Supports SSTL_18 JEDEC specification on data
inputs and outputs
•
Supports LVCMOS switching levels on CSR and
RESET inputs
•
Low voltage operation
VDD = 1.7V to 1.9V
•
Available in 96 BGA package
•
Drop-in replacement for ICSSSTUA32864
•
Green packages available
25-Bit Configurable Registered Buffer for DDR2
Pin Configuration
96 Ball BGA
(Top View)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
6
5
4
3
2
1
Functionality Truth Table
Inputs
Outputs,
Dn,
RST
DCS
CSR
CK
CK
DODT,
Qn
QCS
QODT,
DCKE
QCKE
HL
L
↑↓
LL
L
L
HL
L
↑↓
HH
L
H
H
L
L
L or H
L or H
X
Q0
Q0
Q0
HL
H
↑↓
LL
L
L
HL
H
↑↓
HH
L
H
H
L
H
L or H
L or H
X
Q0
Q0
Q0
HH
L
↑↓
LL
H
L
HH
L
↑↓
HH
H
H
H
H
L
L or H
L or H
X
Q0
Q0
Q0
HH
H
↑↓
LQ0
HL
HH
H
↑↓
HQ0
HH
H
H
H
L or H
L or H
X
Q0
Q0
Q0
L
X or
X or
X or
X or
X or
L
L
L
Floating Floating
Floating Floating
Floating


Similar Part No. - ICSSSTUB32866B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
More results

Similar Description - ICSSSTUB32866B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUB32864A IDT-ICSSSTUB32864A Datasheet
141Kb / 12P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Circuit Syst...
ICSSSTUBF32866A ICST-ICSSSTUBF32866A Datasheet
292Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
25-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
IDT74SSTUAE32866A RENESAS-IDT74SSTUAE32866A Datasheet
837Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUA32864B RENESAS-ICSSSTUA32864B Datasheet
677Kb / 12P
25-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32866C RENESAS-ICSSSTUAF32866C Datasheet
771Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com