| Electronic Components Datasheet Search |
|
INA236AIDDFR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA236AIDDFR Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 44 page ![]() 6.5 Electrical Characteristics at TA = 25°C, VS = 3.3 V, VSENSE = VIN+ - VIN- = 0 mV, VIN- = VBUS = 12V (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT INPUT CMRR Common-mode rejection VCM = –0.3 V to 48 V, TA = –40°C to 125°C 136 150 dB Shunt voltage input range ADCRANGE = 0 –81.9175 81.92 mV ADCRANGE = 1 –20.4794 20.48 mV Vos Shunt offset voltage VCM = 12 V ±1 ±5 µV dVos/dT Shunt offset voltage drift TA = –40°C to +125°C ±5 ±25 nV/°C Vos_b IN- bus offset Voltage ±1 ±7.5 mV dVos_b/dT IN- bus offset voltage drift TA = –40°C to +125°C ±10 ±30 µV/°C PSRRSHUNT Power supply rejection ratio (Current measurments) VS = 1.7 V to 5.5 V, TA = –40°C to 125°C ±0.5 ±2.5 µV/V PSRRBUS Power supply rejection ratio (Voltage measurments) VS = 1.7 V to 5.5 V, TA = –40°C to 125°C, VIN- = 50 mV ±0.5 ±2.5 mV/V ZIN- IN- input impedance Bus Voltage Measurement Mode 1.05 MΩ IB_SHDWN Input Leakage IN+, IN-, Shutdown Mode 0.1 5 nA IB Input bias current IN+, IN-, Current Measurment Mode 0.1 10 nA DC ACCURACY RDIFF Differential Input Impedance (IN+ to IN-) Shunt or Current Measurment Modes, VIN+ - VIN- < 82 mV 140 kΩ ADC Resolution TA = –40°C to 125°C 16 Bits 1 LSB step size Shunt Voltage, ADCRANGE = 0 2.5 µV Shunt Voltage, ADCRANGE = 1 625 nV Bus Voltage 1.6 mV ADC Conversion-time (TA = –40°C to 125°C) CT bit = 000 133 140 147 µs CT bit = 001 194 204 214 µs CT bit = 010 315 332 349 µs CT bit = 011 559 588 617 µs CT bit = 100 1.045 1.100 1.155 ms CT bit = 101 2.01 2.116 2.222 ms CT bit = 110 3.948 4.156 4.364 ms CT bit = 111 7.832 8.244 8.656 ms GSERR Shunt voltage gain error ±0.015 ±0.1 % GS_DRFT Shunt voltage gain error drift TA = –40°C to +125°C 30 ppm/°C GBERR VIN- voltage gain error ±0.015 ±0.1 % GB_DRFT VIN- voltage gain error drift TA = –40°C to +125°C 30 ppm/°C INL Integral Non-Linearity ±2 m% DNL Differential Non-Linearity ±0.1 LSB POWER SUPPLY IQ Quiescent current VSENSE = 0 mV 300 380 µA IQ vs temperature, TA = –40°C to +125°C 500 µA Shutdown 2.2 3 µA VPOR Power-on reset threshold VS falling 0.95 V www.ti.com INA236 SBOSA81C – MAY 2021 – REVISED DECEMBER 2022 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: INA236 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |