Electronic Components Datasheet Search
  English  ▼

X  

INA236AIYBJR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA236AIYBJR
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236AIYBJR Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA236AIYBJR Datasheet HTML 8Page - Texas Instruments INA236AIYBJR Datasheet HTML 9Page - Texas Instruments INA236AIYBJR Datasheet HTML 10Page - Texas Instruments INA236AIYBJR Datasheet HTML 11Page - Texas Instruments INA236AIYBJR Datasheet HTML 12Page - Texas Instruments INA236AIYBJR Datasheet HTML 13Page - Texas Instruments INA236AIYBJR Datasheet HTML 14Page - Texas Instruments INA236AIYBJR Datasheet HTML 15Page - Texas Instruments INA236AIYBJR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
7 Detailed Description
7.1 Overview
The INA236 is a digital current-sense amplifier with an I2C- and SMBus-compatible interface. The device reports
the sensed current and features programmable out-of-range limits to issue alerts when the current is outside
the normal range of operation. The integrated analog-to-digital converter (ADC) can be set to different averaging
modes and configured for continuous-versus-triggered operation. Device Registers provides detailed register
information for the INA236.
7.2 Functional Block Diagram
Current Register
I
2C-, SMBus-,
Compatible
Interface
Voltage Register
GND
ADC
V
I
A0
ALERT
SDA
SCL
C
0.1 µF
BYPASS
High-
Side
Shunt
Low-
Side
Shunt
Load
Alert Register
VS
Supply Voltage
(1.7 V to 5.5 V)
Bus Voltage
(-0.3 V to 48 V)
IN-
TI Device
IN+
Power Register
x
7.3 Feature Description
7.3.1 Integrated Analog-to-Digital Convertor (ADC)
The INA236 integrates a low offset 16-bit delta-sigma (ΔΣ) ADC. This ADC is multiplexed to process both
the shunt voltage and bus voltage measurements. Bus voltage measurements are made with respect to IN–
and GND. The shunt voltage measurement is a differential measurement of the voltage developed when the
load current flows through a shunt resistor as measured between the IN+ and IN– pins. The shunt voltage
measurement has an maximum offset voltage of only 5 µV and a maximum gain error of 0.1%. The low offset
voltage of the shunt voltage measurement allows for increased accuracy at light load conditions for a given shunt
resistor value. Another advantage of low offset is the ability to sense a lower voltage drop across the sense
resistor accurately, thus allowing for a lower-value shunt resistor. Lower-value shunt resistors reduce power loss
in the current-sense circuit and help improve the power efficiency of the end application.
There are no special considerations for power-supply sequencing because the bus common-mode at the IN+
and IN– pins and power-supply voltage at the vs. pin are independent of each other; therefore, the bus common-
mode voltage can be present with the supply voltage off, and vice-versa.
7.3.2 Power Calculation
Figure 7-1 shows that the current and power are calculated after a shunt voltage and bus voltage measurement.
Power is calculated based on the previous current calculation and the latest bus voltage measurement. If the
value loaded into the calibration register is zero, the power value reported is also zero. The current and power
values are considered intermediate results (unless the averaging is set to 1) and are stored in an internal
accumulation register. Following every measured sample, the newly-calculated values for current and power are
appended to this accumulation register until all of the samples have been measured and averaged. After all
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com