Electronic Components Datasheet Search
  English  ▼

X  

THS3095DDA Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095DDA
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DDA Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS3095DDA Datasheet HTML 23Page - Texas Instruments THS3095DDA Datasheet HTML 24Page - Texas Instruments THS3095DDA Datasheet HTML 25Page - Texas Instruments THS3095DDA Datasheet HTML 26Page - Texas Instruments THS3095DDA Datasheet HTML 27Page - Texas Instruments THS3095DDA Datasheet HTML 28Page - Texas Instruments THS3095DDA Datasheet HTML 29Page - Texas Instruments THS3095DDA Datasheet HTML 30Page - Texas Instruments THS3095DDA Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
9.4.2 Layout Example
Figure 9-8. Layout Recommendation
VS+
+
+
J4
VS−
3
8
2
4
6
7
1
FB1
VS−
C3
6.8 µF
C4
0.1 µF
J5
GND
TP1
TP2
FB2
J6
VS+
C6
6.8 µF
VS+
C7
0.1 µF
REF
PIN8
(2)
C9
JP1
(2)
C10
(2)
R9
(2)
JP2
(2)
(2) THS3095 EVM Only
J1
R1
0 Ω
R3
249 Ω
R4
1 kΩ
VS−
REF
PIN8
5
R5
Open
R7
49.9 Ω
R8
Open
R6
Open
J2
R2
49.9 Ω
J3
THS3091DDA or THS3095DDA
Figure 9-9. THS3091 EVM Circuit Configuration
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com