Electronic Components Datasheet Search
  English  ▼

X  

TLV3601 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV3601 Datasheet HTML 17Page - Texas Instruments TLV3601 Datasheet HTML 18Page - Texas Instruments TLV3601 Datasheet HTML 19Page - Texas Instruments TLV3601 Datasheet HTML 20Page - Texas Instruments TLV3601 Datasheet HTML 21Page - Texas Instruments TLV3601 Datasheet HTML 22Page - Texas Instruments TLV3601 Datasheet HTML 23Page - Texas Instruments TLV3601 Datasheet HTML 24Page - Texas Instruments TLV3601 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Adjustable Hysteresis
As a result of a comparator’s high open loop gain, there is a small band of input differential voltage where the
output can toggle back and forth between “logic high” and “logic low” states. This can cause design challenges
for inputs with slow rise and fall times or systems with excessive noise. These challenges can be overcome by
adding hysteresis to the comparator.
Since the TLV3601 and TLV3602 only has a minimal amount of internal hysteresis, external hysteresis can be
applied in the form of a positive feedback loop that adjusts the trip point of the comparator depending on its
current output state. See the Implementing Hysteresis section for more details.
The TLV3603(E) on the other hand has a LE/HYS pin that can be used to increase or eliminate the internal
hysteresis of the comparator. In order to increase the internal hysteresis of the TLV3603(E), connect a single
resistor as shown in the adjusting hysteresis figure between the LE/HYS pin and VEE. A curve of hysteresis
versus resistance is provided below to provide guidance in setting the desired amount of hysteresis. Likewise,
for applications where no hysteresis is desired, the LE/HYS pin can be connected to VCC.
OUT
+
VEE
VCC
LE/HYS
IN+
IN
-
TLV3603
Figure 8-1. Adjustable Hysteresis with an External Resistor
RHYST (k)
0
200
400
600
800
1,000
0
10
20
30
40
50
60
70
80
-40
C
25
C
85
C
125
C
Figure 8-2. VHYST (mV) vs RHYST (kΩ), VCC = 5 V
www.ti.com
TLV3601, TLV3602, TLV3603, TLV3603E
SNOSDB1E – JUNE 2021 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV3601 TLV3602 TLV3603 TLV3603E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com