Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 2Page - Texas Instruments TLV3603 Datasheet HTML 3Page - Texas Instruments TLV3603 Datasheet HTML 4Page - Texas Instruments TLV3603 Datasheet HTML 5Page - Texas Instruments TLV3603 Datasheet HTML 6Page - Texas Instruments TLV3603 Datasheet HTML 7Page - Texas Instruments TLV3603 Datasheet HTML 8Page - Texas Instruments TLV3603 Datasheet HTML 9Page - Texas Instruments TLV3603 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6.4 Thermal Information
THERMAL METRIC
TLV3601
TLV3601
TLV3602
TLV3602
TLV3603 (E)
UNIT
DBV (SOT-23)
DCK (SC70)
DGK (VSSOP)
DSG (WSON)
DCK (SC70)
5 PINS
5 PINS
8 PINS
8 PINS
6 PINS
RθJA Junction-to-ambient thermal resistance
176.5
187.5
170.5
64.9
165.1
°C/W
Rθ
JC(top
)
Junction-to-case (top) thermal resistance
74.7
139.2
61.7
83.9
129.1
°C/W
Rθ
JC(bot
tom)
Junction-to-case (bottom) thermal
resistance
N/A
N/A
N/A
5.5
N/A
°C/W
RθJB Junction-to-board thermal resistance
43.4
65.8
92.4
32.0
58.9
°C/W
ψJT
Junction-to-top characterization
parameter
16.7
43.0
8.9
2.1
39.4
°C/W
ψJB
Junction-to-board characterization
parameter
43.1
65.5
90.8
32.0
58.7
°C/W
TLV3601, TLV3602, TLV3603, TLV3603E
SNOSDB1E – JUNE 2021 – REVISED APRIL 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3602 TLV3603 TLV3603E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com