Electronic Components Datasheet Search
  English  ▼

X  

TLV701 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV701
Description  TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV701 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV701 Datasheet HTML 13Page - Texas Instruments TLV701 Datasheet HTML 14Page - Texas Instruments TLV701 Datasheet HTML 15Page - Texas Instruments TLV701 Datasheet HTML 16Page - Texas Instruments TLV701 Datasheet HTML 17Page - Texas Instruments TLV701 Datasheet HTML 18Page - Texas Instruments TLV701 Datasheet HTML 19Page - Texas Instruments TLV701 Datasheet HTML 20Page - Texas Instruments TLV701 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
8.2.3 Application Curves
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, CIN = 1 µF, and
COUT = 1 µF (unless otherwise noted)
Time (50 ms/div)
5.3
4.3
100
50
0
50
-
V
= 3.0 V
I
= 50 mA
C
= 10 F
IN
OUT
OUT
m
Figure 8-3. Line Transient Response for Legacy Chip
t - Time -
s
0
50
100 150 200 250 300 350 400 450 500
4
-300
4.5
-250
5
-200
5.5
-150
6
-100
6.5
-50
7
0
7.5
50
8
100
8.5
150
VOUT = 3.3V
IOUT = 50mA
COUT = 10F
dV/dt = 0.2V/
s
VIN
VOUT
Figure 8-4. Line Transient Response for New Chip
Time (0.5 ms/div)
100
50
0
200
0
200
-
V
= 4.0 V
V
= 3.0 V
C
= 10 F
IN
OUT
OUT
m
Figure 8-5. Load Transient Response for Legacy Chip
Time (
s)
0
500
1000
1500
2000
2500
3000
3500
0
-1000
50
-800
100
-600
150
-400
200
-200
250
0
300
200
350
400
400
600
IOUT
VOUT
Figure 8-6. Load Transient Response for New Chip
t - Time - ms
0
2
4
6
8
10
12
14
16
18
20
22
0
1
2
3
4
5
6
7
8
VOUT
VIN
VOUT = 3.3V
IOUT = 50mA
COUT = 10F
Figure 8-7. Power-Up, Power-Down for New Chip
www.ti.com
TLV701
SBVS161A – NOVEMBER 2011 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com