Electronic Components Datasheet Search
  English  ▼

X  

M5450 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M5450
Description  LED DISPLAY DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5450 Datasheet(HTML) 3 Page - STMicroelectronics

  M5450 Datasheet HTML 1Page - STMicroelectronics M5450 Datasheet HTML 2Page - STMicroelectronics M5450 Datasheet HTML 3Page - STMicroelectronics M5450 Datasheet HTML 4Page - STMicroelectronics M5450 Datasheet HTML 5Page - STMicroelectronics M5450 Datasheet HTML 6Page - STMicroelectronics M5450 Datasheet HTML 7Page - STMicroelectronics M5450 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
At the low state of the clock a RESET signal is
generated which clears all the shift registers for the
next set of data. The shift registers are static mas-
ter-slave configurations. There is no clear for the
master portion of the first shift register, thus allow-
ing continuous operation.
There must be a complete set of 36 clocks or the
shift registers will not clear.
When power is first applied to the chip an internal
power ON reset signal is generated which resets
all registers and all latches. The START bit and the
first clock return the chip to its normal operation.
Bit 1 is the first bit following the start bit and it will
appear on Pin 18. A logical "1" at the input will turn
on the appropriate LED.
Figure 3 shows the timing relationship between
Data, Clock and DATA ENABLE.
A max clock frequency of 0.5MHz is assumed.
For applications where a lesser number of outputs
are used, it is possible to either increase the current
per output or operate the part at higher than 1V
VOUT.
The following equation can be used for calcula-
tions.
Tj = [(VOUT) (ILED) (No. of segments) + (VDD
⋅ 7mA)]
(124
°C/W) + Tamb
where :
Tj = junction temperature (150
°C max)
VOUT = the voltage at the LED driver outputs
ILED = the LED current
124
°C/W = thermal coefficient of the package
Tamb = ambient temperature
The above equation was used to plot Figures 4, 5
and 6.
STATIC ELECTRICAL CHARACTERISTICS
(Tamb within operating range, VDD = 4.75V to 13.2V, VSS = 0V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.75
13.2
V
IDD
Supply Current
VDD = 13.2V
7
mA
VI
Input Voltage
Logical "0" Level
Logical "1" Level
± 10µA Input Bias
4.75
≤ VDD ≤ 5.25
VDD > 5.25
- 0.3
2.2
VDD - 2
0.8
VDD
VDD
V
V
V
IB
Brightness Input Current (note 2)
0
0.75
mA
VB
Brightness Input Voltage (pin 19)
Input Current = 750
µA,
Tamb = 25
oC
3
4.3
V
VO(off)
Off State Out. Voltage
13.2
V
IO
Out. Sink Current (note 3)
Segment OFF
Segment ON
VO = 3V
VO = 1V (note 4)
Brightness In. = 0
µA
Brightness In. = 100
µA
Brightness In. = 750
µA
0
2
12
2.7
15
10
10
4
25
µA
µA
mA
mA
fclock
Input Clock Frequency
0
0.5
MHz
IO
Output Matching (note 1)
± 20
%
Notes : 1. Output matching is calculated as the percent variation from IMAX + IMIN/2.
2. With a fixed resistor on the brightness input some variation in brightness will occur from one device to another.
3. Absolute maximum for each output should be limited to 40mA.
4. The VO voltage should be regulated by the user. See figures 5 and 6 for allowable VO versus IO operation.
M5450 - M5451
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com