Electronic Components Datasheet Search
  English  ▼

X  

M5451B7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M5451B7
Description  LED DISPLAY DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5451B7 Datasheet(HTML) 1 Page - STMicroelectronics

  M5451B7 Datasheet HTML 1Page - STMicroelectronics M5451B7 Datasheet HTML 2Page - STMicroelectronics M5451B7 Datasheet HTML 3Page - STMicroelectronics M5451B7 Datasheet HTML 4Page - STMicroelectronics M5451B7 Datasheet HTML 5Page - STMicroelectronics M5451B7 Datasheet HTML 6Page - STMicroelectronics M5451B7 Datasheet HTML 7Page - STMicroelectronics M5451B7 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
M5450
M5451
LED DISPLAY DRIVERS
September 1993
.
M5450 34 OUTPUTS/15mA SINK
.
M5451 35 OUTPUTS/15mA SINK
.
CURRENT GENERATOR OUTPUTS (NO EX-
TERNAL RESISTORS REQUIRED)
.
CONTINUOUS BRIGHTNESS CONTROL
.
SERIAL DATA INPUT
.
ENABLE (ON M5450)
.
WIDE SUPPLY VOLTAGE OPERATION
.
TTL COMPATIBILITY
Application Examples :
.
MICROPROCESSOR DISPLAYS
.
INDUSTRIAL CONTROL INDICATOR
.
RELAY DRIVER
.
INSTRUMENTATION READOUTS
DESCRIPTION
The M5450 and M5451 are monolithic MOS inte-
grated circuits produced with an N-channel silicon
gate technology. They are available in 40-pin dual
in-line plastic packages.
DIP40
(Plastic Package)
ORDER CODE : M5450B7 / M5451B7
PLCC44
(Plastic Chip Carrier)
ORDER CODE : M5451Q
PIN CONNECTION
1
2
3
4
5
6
7
8
9
10
11
12
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
24
23
22
21
OUTPUT BIT 17
OUTPUT BIT 16
OUTPUT BIT 15
OUTPUT BIT 14
OUTPUT BIT 13
OUTPUT BIT 12
OUTPUT BIT 11
OUTPUT BIT 10
OUTPUT BIT 9
OUTPUT BIT 8
OUTPUT BIT 7
OUTPUT BIT 6
OUTPUT BIT 5
OUTPUT BIT 4
OUTPUT BIT 3
OUTPUT BIT 2
OUTPUT BIT 1
BRIGHTNESS CONTROL
OUTPUT BIT 18
OUTPUT BIT 19
OUTPUT BIT 20
OUTPUT BIT 21
OUTPUT BIT 22
OUTPUT BIT 23
OUTPUT BIT 24
OUTPUT BIT 25
OUTPUT BIT 26
OUTPUT BIT 27
OUTPUT BIT 28
OUTPUT BIT 29
OUTPUT BIT 30
OUTPUT BIT 31
OUTPUT BIT 32
OUTPUT BIT 33
OUTPUT BIT 34
DATA ENABLE FOR M5450
OUTPUT BIT 35 FOR M5451
DATA IN
CLOCK IN
VDD
VSS
DIP40
9
10
11
12
13
14
15
16
17
29
30
31
32
33
34
35
36
37
7
8
38
39
OUTPUT BIT 13
OUTPUT BIT 12
OUTPUT BIT 11
OUTPUT BIT 10
OUTPUT BIT 9
OUTPUT BIT 8
OUTPUT BIT 7
N.C.
OUTPUT BIT 6
OUTPUT BIT 32
N.C.
OUTPUT BIT 31
OUTPUT BIT 30
OUTPUT BIT 29
OUTPUT BIT 28
OUTPUT BIT 27
OUTPUT BIT 26
OUTPUT BIT 25
OUTPUT BIT 24
OUTPUT BIT 23
OUTPUT BIT 5
OUTPUT BIT 4
PLCC44
A single pin controls the LED display brightness by
setting a reference current through a variable re-
sistor connected to VDD or to a separate supply of
13.2V maximum.
1/8


Similar Part No. - M5451B7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5451B7 STMICROELECTRONICS-M5451B7 Datasheet
243Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
M5451B7 STMICROELECTRONICS-M5451B7 Datasheet
260Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
More results

Similar Description - M5451B7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5450 NSC-MM5450 Datasheet
125Kb / 8P
LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
STMicroelectronics
M5451B7 STMICROELECTRONICS-M5451B7 Datasheet
243Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
logo
List of Unclassifed Man...
U1096B ETC1-U1096B Datasheet
579Kb / 6P
Display Drivers
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
8-Digit LED Display Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com