Electronic Components Datasheet Search
  English  ▼

X  

ISL6324A Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL6324A
Description  Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6324A Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL6324A Datasheet HTML 19Page - Renesas Technology Corp ISL6324A Datasheet HTML 20Page - Renesas Technology Corp ISL6324A Datasheet HTML 21Page - Renesas Technology Corp ISL6324A Datasheet HTML 22Page - Renesas Technology Corp ISL6324A Datasheet HTML 23Page - Renesas Technology Corp ISL6324A Datasheet HTML 24Page - Renesas Technology Corp ISL6324A Datasheet HTML 25Page - Renesas Technology Corp ISL6324A Datasheet HTML 26Page - Renesas Technology Corp ISL6324A Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
ISL6324A Hybrid SVI/PVI with I2C
FN6880 Rev 1.00
Page 23 of 39
May 14, 2010
average current exceeds 100µA, a comparator triggers the
converter to begin overcurrent protection procedures. The
Core regulator and the North Bridge regulator have the same
type of overcurrent protection.
The overcurrent trip threshold is dictated by the DCR of the
inductors, the number of active channels, the DC gain of the
inductor RC filter and the RSET resistor. The overcurrent trip
threshold is shown in Equation 18.
Where:
Equation 18 is valid for both the Core regulator and the North
Bridge regulator. This equation includes the DC load current as
well as the total ripple current contributed by all the phases.
For the North Bridge regulator, N is 1.
During soft-start, the overcurrent trip point is boosted by a
factor of 1.4. Instead of comparing the average measured
current to 100µA, the average current is compared to 140µA.
Immediately after soft-start is over, the comparison level
changes to 100µA. This is done to allow for start-up into an
active load while still supplying output capacitor in-rush
current.
CORE REGULATOR OVERCURRENT
At the beginning of overcurrent shutdown, the controller sets all
of the UGATE and LGATE signals low, puts PWM3 and PWM4
(if active) in a high-impedance state, and forces VDDPWRGD
low. This turns off all of the upper and lower MOSFETs. The
system remains in this state for fixed period of 12ms. If the
controller is still enabled at the end of this wait period, it will
attempt a soft-start, as shown in Figure 14. If the fault remains,
the trip-retry cycles will continue until either the fault is cleared or
for a total of seven attempts. If the fault is not cleared on the final
attempt, the controller disables UGATE and LGATE signals for
both Core and North Bridge and latches off requiring a POR of
VCC to reset the ISL6324A.
It is important to note that during soft start, the overcurrent trip
point is increased by a factor of 1.4. If the fault draws enough
current to trip overcurrent during normal run mode, it may not
draw enough current during the soft-start ramp period to trip
overcurrent while the output is ramping up. If a fault of this type
is affecting the output, then the regulator will complete soft-
start and the trip-retry counter will be reset to zero. Once the
regulator has completed soft-start, the overcurrent trip point will
return to it’s nominal setting and an overcurrent shutdown will
be initiated. This will result in a continuous hiccup mode.
Note that the energy delivered during trip-retry cycling is much
less than during full-load operation, so there is no thermal
hazard.
NORTH BRIDGE REGULATOR OVERCURRENT
The overcurrent shutdown sequence for the North Bridge
regulator is identical to the Core regulator with the exception that
it is a single phase regulator and will only disable the MOSFET
drivers for the North Bridge. Once 7 retry attempts have been
executed unsuccessfully, the controller will disable UGATE and
LGATE signals for both Core and North Bridge and will latch off
requiring a POR of VCC to reset the ISL6324A.
Note that the energy delivered during trip-retry cycling is much
less than during full-load operation, so there is no thermal
hazard.
Individual Channel Overcurrent Limiting
The ISL6324A has the ability to limit the current in each
individual channel of the Core regulator without shutting down
the entire regulator. This is accomplished by continuously
comparing the sensed currents of each channel with a
constant 140µA OCL reference current. If a channel’s
individual sensed current exceeds this OCL limit, the UGATE
signal of that channel is immediately forced low, and the
LGATE signal is forced high. This turns off the upper
MOSFET(s), turns on the lower MOSFET(s), and stops the rise
of current in that channel, forcing the current in the channel to
decrease. That channel’s UGATE signal will not be able to
return high until the sensed channel current falls back below
the 140µA reference.
I2C Bus Interface
The ISL6324A includes an I2C bus interface which allows for
user programmability of three of the controller’s operating
parameters and programmability of the Power Savings Mode
feature. The parameters that can be adjusted through the I2C
are:
1. Voltage Margining Offset: The DAC voltage can be offset
in 25mV increments.
(EQ. 18)
IOCP
100
A
N
DCR
------------- 1
K
----
3
400
---------- RSET

 VIN N
–
VOUT
2LfS

----------------------------------------
VOUT
VIN
----------------
–
 
=
K
R2
R1 R2
+
---------------------
=
See “Continuous Current Sampling” on
page 13.
fS = Switching Frequency
0A
0V
3ms/DIV
OUTPUT CURRENT, 50A/DIV
FIGURE 14. OVERCURRENT BEHAVIOR IN HICCUP MODE
OUTPUT VOLTAGE,
500mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com