Electronic Components Datasheet Search
  English  ▼

X  

HIP6602ACB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6602ACB
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602ACB Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6602ACB Datasheet HTML 1Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 2Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 3Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 4Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 5Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN4902 Rev 2.00
Page 1 of 10
July 2003
FN4902
Rev 2.00
July 2003
HIP6602A
Dual Channel Synchronous Rectified Buck MOSFET Driver
DATASHEET
The HIP6602A is a high frequency, two power channel
MOSFET driver specifically designed to drive four power
N-Channel MOSFETs in a synchronous rectified buck
converter topology. This device is available in either a 14
lead SOIC or a 16 lead QFN package with a PAD to
thermally enhance the package. These drivers combined
with a HIP63xx or ISL65xx series of Multi-Phase Buck PWM
controllers and MOSFETs form a complete core voltage
regulator solution for advanced microprocessors.
The HIP6602A drives both upper and lower gates over a
range of 5V to 12V. This drive-voltage flexibility provides the
advantage of optimizing applications involving trade-offs
between switching losses and conduction losses.
The output drivers in the HIP6602A have the capacity to
efficiently switch power MOSFETs at high frequencies. Each
driver is capable of driving a 3000pF load with a 30ns
propagation delay and 50ns transition time. This device
implements bootstrapping on the upper gates with only a
single external capacitor required for each power channel.
This reduces implementation complexity and allows the use
of higher performance, cost effective, N-Channel MOSFETs.
Adaptive shoot-through protection is integrated to prevent
both MOSFETs from conducting simultaneously.
Features
• Drives Four N-channel MOSFETs
• Adaptive Shoot-Through Protection
• Internal Bootstrap Devices
• Supports High Switching Frequency
- Fast Output Rise Time
- Propagation Delay 30ns
• Small 14-Lead SOIC Package
• Smaller 16-Lead QFN Thermally Enhanced Package
• 5V to 12V Gate-Drive Voltages for Optimal Efficiency
• Three-State Input for Bridge Shutdown
• Supply Under-Voltage Protection
Applications
• Core Voltage Supplies for Intel Pentium® III and AMD®
AthlonTM Microprocessors.
• High Frequency Low Profile DC/DC Converters
• High Current Low Voltage DC/DC Converters
Pinout
HIP6602ACB (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG #
HIP6602ACB
0 to 85
14 Ld SOIC
M14.15
HIP6602ACB-T
14 Ld SOIC Tape and Reel
HIP6602ACR
0 to 85
16 Ld 5x5 QFN L16.5x5
HIP6602ACR-T
16 Ld 5x5 QFN Tape and Reel
PWM1
PWM2
GND
LGATE1
1
2
3
4
14
13
12
PHASE1
UGATE1
BOOT1
PVCC
1
2
10
9
8
7
6
5
BOOT2
UGATE2
PHASE2
VCC
PGND
LGATE2
11
GND
LG1
PVCC
PGND
UG1
BOOT1
BOOT2
UG2
HIP6602ACR (16 LEAD QFN)
TOP VIEW
1
3
4
15
16
14
13
2
12
10
9
11
6
57
8
NOT RECOMMEN
DED FOR NEW D
ESIGNS
POSSIBLE SUBS
TITUTE PRODUC
TS
(ISL6614, ISL6614
A and ISL6614B)


Similar Part No. - HIP6602ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602ACB INTERSIL-HIP6602ACB Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
HIP6602ACB-T INTERSIL-HIP6602ACB-T Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results

Similar Description - HIP6602ACB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com