Electronic Components Datasheet Search
  English  ▼

X  

HIP6602ACR Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6602ACR
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602ACR Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6602ACR Datasheet HTML 1Page - Renesas Technology Corp HIP6602ACR Datasheet HTML 2Page - Renesas Technology Corp HIP6602ACR Datasheet HTML 3Page - Renesas Technology Corp HIP6602ACR Datasheet HTML 4Page - Renesas Technology Corp HIP6602ACR Datasheet HTML 5Page - Renesas Technology Corp HIP6602ACR Datasheet HTML 6Page - Renesas Technology Corp HIP6602ACR Datasheet HTML 7Page - Renesas Technology Corp HIP6602ACR Datasheet HTML 8Page - Renesas Technology Corp HIP6602ACR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HIP6602A
FN4902 Rev 2.00
Page 4 of 10
July 2003
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT - VPHASE) . . . . . . . . . . . . . . . . . . . . . . .15V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE. . . . . . . . . . . . . . . . . . . . . . VPHASE - 0.3V to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to VPVCC + 0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . .3kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . .200V
Operating Conditions
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . . . 0°C to 85°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . . . 125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
10%
Supply Voltage Range PVCC . . . . . . . . . . . . . . . . . . . . . 5V to 12V
Thermal Resistance
JA (°C/W) JC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
68
NA
QFN Package (Note 2). . . . . . . . . . . . .
36
6
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. JC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
fPWM = 500kHz, VPVCC = 12V
-
3.7
5.0
mA
Power Supply Current
IPVCC
fPWM = 500kHz, VPVCC = 12V
-
2.0
4.0
mA
POWER-ON RESET
VCC Rising Threshold
9.7
9.95
10.4
V
VCC Falling Threshold
9.0
9.2
9.5
V
PWM INPUT
Input Current
IPWM
VPWM = 0 or 5V (See Block Diagram)
-
500
-
A
PWM Rising Threshold
VPVCC = 12V
3.45
3.6
-
V
PWM Falling Threshold
VPVCC = 12V
-
1.45
1.55
V
UGATE Rise Time
TRUGATE
VPVCC = VVCC = 12V, 3nF Load
-
20
-
ns
LGATE Rise Time
TRLGATE
VPVCC = VVCC = 12V, 3nF Load
-
50
-
ns
UGATE Fall Time
TFUGATE
VPVCC = VVCC = 12V, 3nF Load
-
20
-
ns
LGATE Fall Time
TFLGATE
VPVCC = VVCC = 12V, 3nF Load
-
20
-
ns
UGATE Turn-Off Propagation Delay
TPDLUGATE VPVCC = VVCC = 12V, 3nF Load
-
30
-
ns
LGATE Turn-Off Propagation Delay
TPDLLGATE VPVCC = VVCC = 12V, 3nF Load
-
20
-
ns
Shutdown Window
1.4
-
3.6
V
Shutdown Holdoff Time
-
230
-
ns
OUTPUT
Upper Drive Source Impedance
RUGATE
VVCC = 12V, VPVCC = 5V
-
1.7
3.0
VVCC = VPVCC = 12V
-
3.0
5.0
Upper Drive Sink Impedance
RUGATE
VVCC = 12V, VPVCC = 5V
-
2.3
4.0
VVCC = VPVCC = 12V
-
1.1
2.0
Lower Drive Source Current
ILGATE
VVCC = 12V, VPVCC = 5V
400
580
-
mA
VVCC = VPVCC = 12V
500
730
-
mA
Lower Drive Sink Impedance
RLGATE
VVCC = 12V, VPVCC = 5V or 12V
-
1.6
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com