Electronic Components Datasheet Search
  English  ▼

X  

HMP8117 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HMP8117
Description  NTSC/PAL Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMP8117 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HMP8117 Datasheet HTML 24Page - Renesas Technology Corp HMP8117 Datasheet HTML 25Page - Renesas Technology Corp HMP8117 Datasheet HTML 26Page - Renesas Technology Corp HMP8117 Datasheet HTML 27Page - Renesas Technology Corp HMP8117 Datasheet HTML 28Page - Renesas Technology Corp HMP8117 Datasheet HTML 29Page - Renesas Technology Corp HMP8117 Datasheet HTML 30Page - Renesas Technology Corp HMP8117 Datasheet HTML 31Page - Renesas Technology Corp HMP8117 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
HMP8117
FN4643 Rev 4.00
Page 28 of 45
July 29, 2009
TABLE 22. VIDEO STATUS REGISTER
SUB ADDRESS = 0EH
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7
Vertical Lock
Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, the decoder is vertically locked to the input signal.
0B
6
Horizontal Lock
Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, the decoder is horizontally locked to the input signal.
0B
5
Color Lock
Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, the decoder is chroma locked to the input signal.
0B
4
Input Video
Detect Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, video is detected on the input signal.
0B
3-1
MV Detection Status These bits are read-only. Data written to this bit is ignored.
000B = No MV present
001B = PSP present, No Stripes
010B = PSP present, 2-Line Stripes
011B = PSP present, 4-line Stripes
100B = reserved
101B = reserved
110B = No PSP present, 2-line Stripes (invalid MV scheme, may indicate false detection)
111B = No PSP present, 4-line Stripes (invalid MV scheme, may indicate false detection)
000B
0
Auto Detect
Video Standard
Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, the decoder determined the video standard on the input signal.
This bit is enabled by the Input Format Register 01H bit 4.
0B
TABLE 23. INTERRUPT MASK REGISTER
SUB ADDRESS = 0FH
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7
Genlock Loss
Interrupt Mask
If set to “1”, an interrupt is enabled for the loss of genlock.
0B
6
Input Signal Loss
Interrupt Mask
If set to “1”, an interrupt is enabled for the loss of input video signal.
0B
5
Closed Caption
Interrupt Mask
If set to “1”, an interrupt is enabled for new data in the closed caption data registers.
0B
4WSS
Interrupt Mask
If set to “1”, an interrupt is enabled for new data in the WSS data registers.
0B
3
Teletext
Interrupt Mask
If set to “1”, an interrupt is enabled for the detection of teletext data in the current field.
0B
2
MV Interrupt Mask
If set to “1”, an interrupt is enabled for a change in the MV Detection Status Register 0EH.0B
1
Auto Detect
Video Standard
Interrupt Mask
If set to “1”, an interrupt is enabled for the successful auto detection of a video standard.
0B
0
Vertical Sync
Interrupt Mask
If set to “1”, an interrupt is enabled for the start of a new field.
0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com