Electronic Components Datasheet Search
  English  ▼

X  

HSP43124 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HSP43124
Description  Serial I/O Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP43124 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HSP43124 Datasheet HTML 9Page - Renesas Technology Corp HSP43124 Datasheet HTML 10Page - Renesas Technology Corp HSP43124 Datasheet HTML 11Page - Renesas Technology Corp HSP43124 Datasheet HTML 12Page - Renesas Technology Corp HSP43124 Datasheet HTML 13Page - Renesas Technology Corp HSP43124 Datasheet HTML 14Page - Renesas Technology Corp HSP43124 Datasheet HTML 15Page - Renesas Technology Corp HSP43124 Datasheet HTML 16Page - Renesas Technology Corp HSP43124 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HSP43124
FN3555 Rev 7.00
Page 13 of 18
April 18, 2007
Serial Output Formatter
The Output Formatter serializes the parallel output of the filter
compute engine and generates the timing and synchronization
signals required to support a serial interface. The Formatter
produces serial data words with programmable lengths from 8
to 32 bits. The data words may be organized with either most
or least significant bit first. Also, the data word may be rounded
or truncated to the desired length and the format of the output
data may be specified as either two's complement or offset
binary. To simplify applications where the Serial I/O Filter is
used as a down converter, the output formatter can be
configured to scale the output by a factor of 2. The above
options are programmed via the Output Format and Output
Timing Registers detailed in Table 1.
The HSP43124 outputs a bit stream through DOUT which is
synchronous to a programmable clock signal output on
CLKOUT. The output clock, CLKOUT, is derived from FCLK
and has a programmable rate from 1 to 1/32 times FCLK. The
duty cycle of CLKOUT is 50% for rates that have an even
number of FCLKs per CLKOUT. For rates that have and odd
number of FCLKs per CLKOUT the high portion of the
CLKOUT waveform spans (n+1)/2 FCLKs and the low portion
spans (n-1)/2 FCLKs where n is the number of FCLKs.
External devices synchronize to the beginning of an output
data word by monitoring SYNCOUT. This output is asserted
“high” one CLKOUT prior to the first bit of the next data word as
shown in Figure 11.
Input and Output Data Formats
The data formats for the input, output and coefficients are
fractional two’s complement. The bit weightings in the data
words are given in Figure 12. Input or output data words
programmed to have less than 24 bits, map to the most
significant bit positions of the 24-bit word. For example, an
input word defined to be 8 bits wide would map to the bit
positions with weightings from -20 to 2-7.
C31
0
C32
-242570
C33
0
C34
23964
TABLE 4. HALFBAND FILTER COEFFICIENTS (32 BITS, UN-NORMALIZED) (Continued)
COEFFICIENT
HALFBAND #1
HALFBAND #2
HALFBAND #3
HALFBAND #4
HALFBAND #5
TABLE 5. PERFORMANCE ENVELOPE PARAMETERS
NUMBER OF
HALFBANDS
HBCLKS
DECHB
00
1
113
2
233
4
369
8
4
125
16
5
221
32
LSB
MSB
LSB
MSB
CLKOUT
DOUT
SYNCOUT
NOTE: Assumes data is being output LSB first.
FIGURE 11. SERIAL OUTPUT TIMING
SYNC LEADS DATA
FRACTIONAL TWO’S COMPLEMENT FORMAT FOR 24-BIT INPUT AND OUTPUT
24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 987
6543
21
-20
. 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9 2-102-112-122-132-142-152-162-172-182-192-202-212-222-23
FRACTIONAL TWO’S COMPLEMENT FORMAT FOR 32-BIT COEFFICIENTS
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 987
6543
21
-20
. 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9 2-102-112-122-132-142-152-162-172-182-192-202-212-222-232-242-252-262-272-282-292-302-31
NOTE: The negative sign on the MSB implies 2’s complement formt.
FIGURE 12. DATA FORMATS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com