Electronic Components Datasheet Search
  English  ▼

X  

HSP45116 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HSP45116
Description  Numerically Controlled Oscillator/Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP45116 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HSP45116 Datasheet HTML 8Page - Renesas Technology Corp HSP45116 Datasheet HTML 9Page - Renesas Technology Corp HSP45116 Datasheet HTML 10Page - Renesas Technology Corp HSP45116 Datasheet HTML 11Page - Renesas Technology Corp HSP45116 Datasheet HTML 12Page - Renesas Technology Corp HSP45116 Datasheet HTML 13Page - Renesas Technology Corp HSP45116 Datasheet HTML 14Page - Renesas Technology Corp HSP45116 Datasheet HTML 15Page - Renesas Technology Corp HSP45116 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HSP45116
FN2485 Rev 8.00
Page 13 of 16
Jul 2004
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Input, Output or I/O Voltage Applied . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range. . . . . . . . . . . . . . . . . . . . +4.75V to +5.25V
Operating Temperature Range . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
22.0
Maximum Junction Temperature
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(MQFP - Lead Tips Only)
Die Characteristics
Component Count . . . . . . . . . . . . . . . . . . . . . . . 103,000 Transistors
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Logical One Input Voltage
VIH
VCC = 5.25V
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = 4.75V
-
0.8
V
High Level Clock Input
VIHC
VCC = 5.25V
3.0
-
V
Low Level Clock Input
VILC
VCC = 4.75V
-
0.8
V
Output HIGH Voltage
VOH
IOH = -400mA, VCC = 4.75V
2.6
-
V
Output LOW Voltage
VOL
IOL = 2.0mA, VCC = 4.75V
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND, VCC = 5.25V
-10
10
A
I/O Leakage Current
IO
VOUT = VCC or GND, VCC = 5.25V
-10
10
A
Standby Power Supply Current
ICCSB
VIN = VCC or GND VCC = 5.25V, Note 4
-
500
A
Operating Power Supply Current
ICCOP
f = 15MHz, VIN = VCC or GND, VCC = 5.25V,
Notes 2 and 4
-
182
mA
Capacitance TA = 25°C, Note 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Input Capacitance
CIN
FREQ = 1MHz, VCC = Open, All measurements
are referenced to device ground
-15
pF
Output Capacitance
CO
-15
pF
NOTES:
2. Power supply current is proportional to operating frequency. Typical rating for ICCOP is 10mA/MHz.
3. Not tested, but characterized at initial design and at major process/design changes.
4. Output load per test load circuit with switch open and CL = 40pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com