Electronic Components Datasheet Search
  English  ▼

X  

PRS07 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PRS07
Description  Fast soft-recovery rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRS07 Datasheet(HTML) 1 Page - NXP Semiconductors

  PRS07 Datasheet HTML 1Page - NXP Semiconductors PRS07 Datasheet HTML 2Page - NXP Semiconductors PRS07 Datasheet HTML 3Page - NXP Semiconductors PRS07 Datasheet HTML 4Page - NXP Semiconductors PRS07 Datasheet HTML 5Page - NXP Semiconductors PRS07 Datasheet HTML 6Page - NXP Semiconductors PRS07 Datasheet HTML 7Page - NXP Semiconductors PRS07 Datasheet HTML 8Page - NXP Semiconductors PRS07 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
Fast soft-recovery rectifier diodes in a cavity free cylindrical glass surface mounted
package using Implotec™ technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
PRS07 series
Fast soft-recovery rectifiers
Rev. 02 — 26 July 2004
Product data sheet
s Low leakage current
s Glass passivated
s Hermetically sealed package
s Small package.
s Switched-mode power supplies
s Snubber diode.
s VR ≤ 600 V (PRS07J)
s VF ≤ 1.2 V
s VR ≤ 400 V (PRS07G)
s IF(AV) ≤ 1.7 A
s VR ≤ 200 V (PRS07D)
s trr ≤ 250 ns.
Table 1:
Discrete pinning
Pin
Description
Simplified outline
Symbol
a
anode (a)
SOD87
k
cathode (k)
k
SOD87
a
a
001aaa020
k


Similar Part No. - PRS07

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0512C POWER-SYSTEMS-PRS-0512C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0515C POWER-SYSTEMS-PRS-0515C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
List of Unclassifed Man...
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
relay
More results

Similar Description - PRS07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD43 PHILIPS-BYD43 Datasheet
67Kb / 11P
Fast soft-recovery rectifiers
1996 Jun 05
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
Vishay Siliconix
BYV98 VISHAY-BYV98 Datasheet
37Kb / 3P
Very Fast Soft-Recovery Rectifiers
24-Jun-98
logo
Jinan Gude Electronic D...
SFR1A1 JGD-SFR1A1 Datasheet
138Kb / 2P
1.0 AMP. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR1T1 TSC-SFR1T1 Datasheet
61Kb / 2P
1.0 AMP. Soft Fast Recovery Rectifiers
SFR301 TSC-SFR301_1 Datasheet
243Kb / 2P
3.0 AMPS. Soft Fast Recovery Rectifiers
logo
SEMTECH ELECTRONICS LTD...
BY500-100 SEMTECH_ELEC-BY500-100 Datasheet
177Kb / 2P
SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
SFR151 SEMTECH_ELEC-SFR151 Datasheet
246Kb / 2P
SOFT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
SFR201 LUGUANG-SFR201 Datasheet
1Mb / 2P
2.0AMP. Soft Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com