Electronic Components Datasheet Search
  English  ▼

X  

HSP45314 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HSP45314
Description  CommLinkTM Direct Digital Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP45314 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HSP45314 Datasheet HTML 6Page - Renesas Technology Corp HSP45314 Datasheet HTML 7Page - Renesas Technology Corp HSP45314 Datasheet HTML 8Page - Renesas Technology Corp HSP45314 Datasheet HTML 9Page - Renesas Technology Corp HSP45314 Datasheet HTML 10Page - Renesas Technology Corp HSP45314 Datasheet HTML 11Page - Renesas Technology Corp HSP45314 Datasheet HTML 12Page - Renesas Technology Corp HSP45314 Datasheet HTML 13Page - Renesas Technology Corp HSP45314 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HSP45314
FN4820 Rev 3.00
Page 13 of 14
Jan 2001
33, 34
PH(1:0)
Input
Phase Offset Bits. The phase of the output is shifted. If not used, these pins should be grounded.
00 – 0 degrees reference
01 – 90 degrees shift
10 – 180 degrees shift
11 – 270 degrees shift
4
ENOFR
Input
Enable Offset Frequency. Active High. When high, the offset frequency bus is enabled to the
phase accumulator. When low, the offset frequency bus is zeroed. This pin does not affect the
contents of the offset frequency registers. If not used, the pin should be grounded.
10
COMPOUT
Output
Comparator Output.
11
REFLO
Input
Connect to analog ground to enable the DAC’s internal 1.2V reference or connect to AVDD to
disable the internal reference.
12
REFIO
Input
Reference voltage input for the DAC if internal reference is disabled. Recommend the use of a
0.1
F cap to ground from the REFIO pin when a DC reference voltage is used.
13
FSADJ
Full Scale Current Adjust for the DAC. Use a resistor to ground (RSET) to adjust the full scale
output current. Full Scale Output Current = 32 x VFSADJ/RSET, where VFSADJ equals the
reference voltage.
14
COMP1
Noise reduction for the DAC. Connect a 0.1
F cap to AVDD plane.
19
COMP2
Noise reduction for the DAC. Connect a 0.1
F cap to AGND plane.
18
IOUTA
Output
DAC Current Output.
17
IOUTB
Output
DAC Complementary Current Output.
20
AVDD
Power
Analog Supply Voltage.
15, 16, 21, 24
AGND
Gnd
Analog Ground.
7, 26, 31, 43
DVDD
Power
Digital Supply Voltage.
5, 25, 28, 29, 41
DGND
Gnd
Digital Ground.
22, 23
IN+, IN-
Input
Comparator Inputs. To power down the comparator, connect both of these pins to the analog
power supply. This will conserve ~4mA of current.
39
NC
NC
No Connect.
Control Register Descriptions
ADDRESS
BITS
DESCRIPTION
RESET
STATE
0
7:0
Center frequency bits CF(7:0) (Least Significant Byte).
00 h
1
7:0
Center frequency bits CF(15:8).
00 h
2
7:0
Center frequency bits CF(23:16).
00 h
3
7:0
Center frequency bits CF(31:24).
00 h
4
7:0
Center frequency bits CF(39:32).
00 h
5
7:0
Center frequency bits CF(47:40) (MSByte). (Reset gives
fCLK/4 output).
40 h
6
7:0
Offset frequency bits OF(7:0) (LSByte).
00 h
7
7:0
Offset frequency bits OF(15:8).
00 h
8
7:0
Offset frequency bits OF(23:16).
00 h
9
7:0
Offset frequency bits OF(31:24).
00 h
10
7:0
Offset frequency bits OF(39:32).
00 h
11
7:0
Offset frequency bits OF(47:40) (MSByte).
00 h
Pin Descriptions (Continued)
PIN NO.
PIN NAME
TYPE
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com