Electronic Components Datasheet Search
  English  ▼

X  

HSP48901 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSP48901
Description  3 x 3 Image Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP48901 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSP48901 Datasheet HTML 1Page - Renesas Technology Corp HSP48901 Datasheet HTML 2Page - Renesas Technology Corp HSP48901 Datasheet HTML 3Page - Renesas Technology Corp HSP48901 Datasheet HTML 4Page - Renesas Technology Corp HSP48901 Datasheet HTML 5Page - Renesas Technology Corp HSP48901 Datasheet HTML 6Page - Renesas Technology Corp HSP48901 Datasheet HTML 7Page - Renesas Technology Corp HSP48901 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HSP48901
FN2459 Rev 6.00
Page 2 of 8
July 2004
Pinouts
68 LEAD PLCC
TOP VIEW
9 8 7 6 5 4 3 2 1 686766 65 64636261
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
DOUT6
DOUT7
DOUT8
DOUT9
GND
DOUT10
DOUT11
DOUT12
DOUT13
DOUT14
DOUT15
DOUT16
DOUT17
DOUT18
DOUT19
VCC
FRAMES
DIN2 (7)
DIN2 (6)
DIN2 (5)
DIN2 (4)
DIN2 (3)
DIN2 (2)
DIN2 (1)
DIN2 (0)
GND
DIN3 (7)
DIN3 (6)
DIN3 (5)
DIN3 (4)
DIN3 (3)
DIN3 2)
DIN3 (1)
DIN3 (0)
Pin Descriptions
NAME
PLCC PIN
TYPE
DESCRIPTION
VCC
9, 27, 45, 61
The +5V power supply pins. 0.1
F capacitors between the VCC and GND pins are
recommended.
GND
18, 29, 38, 56
The device ground.
CLK
28
I
Input and System clock. Operations are synchronous with the rising edge of this clock signal.
DIN1(7-0)
1-8
I
Pixel Data Input Bus #1. These inputs are used to provide 8-bit pixel data to the HSP48901. The data must be
provided in a synchronous fashion, and is latched on the rising edge of the CLK signal. The DIN1(0-7) inputs
are also used to input data when operating in the 9-Tap FIR mode.
DIN2(7-0)
10-17
I
Pixel Data Input Bus #2. Same as above. These inputs should be grounded when operating in the 1D mode.
DIN3(7-0)
19-26
I
Pixel Data Input Bus #3. Same as above. These inputs should be grounded when operating in the 1D mode.
CIN7-0
30-37
I
Coefficient Data Input Bus. This input bus is used to load the Coefficient Mask Register(s) and the Initialization
Register. The register to be loaded is defined by the register address bits A0-2. The CIN0-7 data is loaded to
the addressed register through the use of the LD input.
DOUT19-0 46-55, 57-60,
62-67
O
Output Data Bus. This 20-Bit output port is used to provide the convolution result. The result is the sum of
products of the input data samples and their corresponding coefficients.
FRAME
44
I
FRAME is an asynchronous new frame or vertical sync input. A low on this input resets all internal circuitry
except for the Coefficient and INT Registers. Thus, after a FRAME reset has occurred, a new frame of pixels
may be convolved without reloading these registers.
HOLD
40
I
The Hold Input is used to gate the clock from all of the internal circuitry of the HSP48901. This signal is
synchronous, is sampled on the rising edge of CLK and takes effect on the following cycle. While this signal is
active (high), the clock will have no effect on the HSP48901 and internal data will remain undisturbed.
A2-0
41-43
I
Control Register Address. These lines are decoded to determine which register in the control logic is the
destination for the data on the CIN0-7 inputs. Register loading is controlled by the A0-2 and LD inputs.
LD
39
I
Load Strobe. LD is used for loading the Internal Registers of the HSP48901. The rising edge of LD will latch
the CIN0-7 data into the register specified by A0-2. The Address on A0-2 must be setup with respect to the
falling edge of LD and must be held with respect to the rising edge of LD.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com