Electronic Components Datasheet Search
  English  ▼

X  

HSP9501 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSP9501
Description  Programmable Data Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP9501 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSP9501 Datasheet HTML 1Page - Renesas Technology Corp HSP9501 Datasheet HTML 2Page - Renesas Technology Corp HSP9501 Datasheet HTML 3Page - Renesas Technology Corp HSP9501 Datasheet HTML 4Page - Renesas Technology Corp HSP9501 Datasheet HTML 5Page - Renesas Technology Corp HSP9501 Datasheet HTML 6Page - Renesas Technology Corp HSP9501 Datasheet HTML 7Page - Renesas Technology Corp HSP9501 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HSP9501
FN2786 Rev 5.00
Page 3 of 8
Aug 2004
Pin Descriptions
NAME
PIN NUMBER
TYPE
DESCRIPTION
VCC
12, 34
The +5V power supply pin. A 0.1
F capacitor between the VCC and GND pin is
recommended.
GND
13, 33
The device ground.
CLK
1
I
Input Clock. This clock signal is used to control the data movement through the programmable
buffer. It is also the signal which latches the input data, length control word and mode select. Input
setup and hold times with respect to the clock must be met for proper operation.
DIO-9
27, 29-32, 35-39
I
Data Inputs. This 10-bit input port is used to provide the input data. When MODSEL is low, data
on the DI0-9 inputs is latched on the clock edge selected by CLKSEL.
DO0-9
7-11, 14-18
O
Data Outputs. This 10-bit port provides the output data from the Internal Delay Registers. Data
latched into the DI0-9 inputs will appear at the DO0 9 outputs on the Nth clock cycle, where N is
the total delay programmed.
LC0-10
20-26, 41-44
I
Length Control Inputs. These inputs are used to specify the number of clock cycles of delay
between the DI0-9 inputs and the DO0-9 outputs. An integer value between 0 and 1279 is placed
on the LC0-10 inputs, and the total delay length (N) programmed is the LC0-10 value plus 2. In
order to properly load an active length control word, the value must be presented to the LC0-10
inputs and LCEN must be asserted during an active clock edge selected by CLKSEL.
LCEN
6
I
Length Control Enable. LCEN is used in conjunction with LC0-10 and CLK to load a new length
control word. An 11-bit value is loaded on the LC0-10 inputs, LCEN is asserted, and the next
selected clock edge will load the new count value. Since this operation is synchronous, LCEN must
meet the specified setup/hold times with respect to CLK for proper operation.
OE
19
I
Output Enable. This input controls the state of the DO0-9 output port. A low on this control line
enables the port for output. When OE is high, the output drivers are in the high impedance state.
Internal latching or transfer of data is not affected by this input.
MODSEL
40
I
Mode Select. This input is used to control the mode of operation of the HSP9501. A low on
MODSEL causes the device to latch new data at the DI0-9 inputs on every clock cycle, and operate
as a programmable pipeline register. When MODSEL is high, the HSP9501 is in the recirculate
mode, and will operate as a programmable length circular buffer. This control signal may be used
in a synchronous fashion during device operation, however, care must be taken to ensure the
required setup/hold times with respect to CLK are met.
CLKSEL
5
I
Clock Select Control. This input is used to determine which edge of the CLK signal is used for
controlling all internal events. A low on CLKSEL selects the negative going edge, therefore, all
setup, hold, and output delay times are with respect to the negative edge of CLK. When CLKSEL
is high, the positive going edge is selected and all synchronous timing is with respect to the positive
edge of the CLK signal.
CLKEN
2
I
Clock Enable. This control signal can be used to enable or disable the CLK input. When low, the
CLK input is enabled and will operate in a normal fashion. A high on CLKEN will disable the CLK
input and will “hold'' all internal operations and data. This control signal may also be used in a
synchronous fashion, however, setup and hold requirements with respect to CLK must be met for
proper device operation. This signal takes effect on the clock following the one that latches it in.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com