Electronic Components Datasheet Search
  English  ▼

X  

M690SDM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M690SDM
Description  SIGE SINGLE FREQUENCY VCSO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M690SDM Datasheet(HTML) 2 Page - Renesas Technology Corp

  M690SDM Datasheet HTML 1Page - Renesas Technology Corp M690SDM Datasheet HTML 2Page - Renesas Technology Corp M690SDM Datasheet HTML 3Page - Renesas Technology Corp M690SDM Datasheet HTML 4Page - Renesas Technology Corp M690SDM Datasheet HTML 5Page - Renesas Technology Corp M690SDM Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revised 27Jan2012
M690SDM
SIGE SINGLE FREQUENCY VCSO
P e r f o r m a nc e Da t a sh ee t
PIN DESCRIPTIONS
Number
Name
I/O
Configuration
Description
1VIN
Input
Frequency control input.
2, 3, 5
GND
Ground
Power supply ground connection.
4
RF OUTPUT
Output
No internal terminator
Clock output. Single-ended.
6VCC
Power
Power supply connection, connect to +5.0 V.
Table 2: Pin Descriptions
ABSOLUTE MAXIMUM RATINGS1
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional operation of product at these conditions
or any conditions beyond those listed in Recommended Conditions of Operation, DC Characteristics, or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Symbol Parameter
Rating
Unit
V
I
Inputs
-0.5 to V
CC +0.5
V
V
O
Outputs
-0.5 to V
CC +0.5
V
V
CC
Power Supply Voltage
6.0
V
T
S
Storage Temperature
-55 to +125
oC
Table 3: Absolute Maximum Ratings
RECOMMENDED CONDITIONS OF OPERATION
Symbol Parameter
Min
Typ
Max
Unit
V
CC
Positive Supply Voltage
4.875
5.0
5.125
V
T
CASE
Operating Temperature
+10
+85
oC
Table 4: Recommended Conditions of Operation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com