Electronic Components Datasheet Search
  English  ▼

X  

EPT7040 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPT7040
Description  4/16 Mbps Token Ring Transmit and Receive Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7040 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPT7040 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DST7040
Rev. A
9/21/95
4/16 Mbps Token Ring Transmit and Receive Module
Supports STP Transmission
Overvoltage Protection Circuit
Meets IEEE 802.5 Specifications
QAF-CSO7d 9/9/94
SIP Package
Schematic
RVCC 13
RCV In A 15
12 GND
RCV IN B 14
STP
-
17 RCV/R1
16 RCV/G6
+
9 Ph OUT B
Filter
Isolation
XMFR
&
CMC
Choke
DR OUT A 5
DR OUT B 6
8 Ph OUT A
CT
STP
+
-
1 XMIT/09
2 XMIT/B5
7
(Test +)
4
3
(Test -)
TVCC
10 TGND
.520
1.20 ± .002
.050
White Dot
Pin 1
1.030 Max.
.350
.135 Typ.
PCA
EPT7040
D.C.
Unless Otherwise Noted
Dimensions in Inches
Tolerances: Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
TEL: (818) 892-0761
FAX: (818) 894-5791
WEB: http://www.pcainc. com
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
-15.0
-0.7
48 MHz
1-17 MHz
25 MHz
dB Min.
dB Min.
dB Min.
30.0
dB Min.
dB Min.
Cut-off Frequency
1-64 MHz
-14.0
dB Min.
MHz
-25.0
RCV
XMIT
Specification
Parameter
Frequency
Unit
-8.0
Insertion Loss
dB Max.
-0.8
Common-Common Rej.
Return Loss
1-16 MHz
32 MHz
44 MHz
Impedance Ratio
N/A
Input
Ω
600
Isolation
150
Notes :
PCA Part Number(s)
EPT7040
Electrical Specifications @ 25°C
Features
500
Volts


Similar Part No. - EPT7040

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7045GM PCA-EPT7045GM Datasheet
70Kb / 2P
Token Ring Transceiver Module
More results

Similar Description - EPT7040

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7001G PCA-EPT7001G Datasheet
20Kb / 1P
4/16 Mbps Token Ring 16 Pin Modules for Transmit and Receive
EPT7002 PCA-EPT7002 Datasheet
18Kb / 1P
4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive
EPT7010MG PCA-EPT7010MG Datasheet
30Kb / 1P
4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
Token Ring Transceiver Module
EPT7075 PCA-EPT7075 Datasheet
35Kb / 1P
Token Ring Transceiver Module
logo
Datatronic Distribution...
NT802-031 DATATRONICS-NT802-031 Datasheet
71Kb / 1P
Token Ring Interface Module
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com