Electronic Components Datasheet Search
  English  ▼

X  

EPT7063G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPT7063G
Description  Token Ring Transceiver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7063G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPT7063G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unless Otherwise Noted
Dimensions in Inches
Tolerances: Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
TEL: (818) 892-0761
FAX: (818) 894-5791
WEB: http://www.pcainc. com
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Token Ring Transceiver
Package
Schematic
QAF-CSO7 8/10/94
DST7063G
Rev.1
7/23/96
PCA Part Number(s)
EPT7063G
Electrical Specifications @ 25°C
-1.1
dB Min.
Attenuation
Crosstalk
1-17 MHz
17-25 MHz
5 MHz
dB Min.
dB Min.
dB Min.
70 MHz
-14
-8
-40
RCV
XMIT
Specification
Parameter
Frequency
Unit
Insertion Loss
dB Max.
Return Loss
Common Mode Rejection
-50 (Between Channels)
8 MHz
-0.5
-0.7
-20
-10
-40
-0.5
Impedance
1-32 MHz
Ω
Notes :
dB Min.
dB Min.
-30
-30
20 MHz
-40
-40
dB Min.
dB Min.
10 MHz
24 MHz
-1.9
-1.3
1. Optimized for T1380C60 & T1380C30.
2. Supports UTP & STP Transmission cables.
3. IEEE 802.5 compatible.
.040
Leads :
.018 x .010 ± .002
.560
.100
.275
1.100
.005
.680
PCA
EPT7063G
Date Code
Pins 15, 16, 17, 18 - Not Connected
9 Tu-
8 Tu+
10 Ts-
2 TX-
1 TX+
4 CHGND
Filter
5 Ph+
6 Ph-
7 Ts+
Xmit
12 Ru-
13 Ru+
11 Rs-
19 RX-
20 RX+
4 CHGND
14 Rs+
Rcv
475
Ω
100
Ω
100
Ω


Similar Part No. - EPT7063G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7063G PCA-EPT7063G Datasheet
49Kb / 1P
Token Ring Transceiver Module
EPT7063G PCA-EPT7063G_99 Datasheet
49Kb / 1P
Token Ring Transceiver Module
More results

Similar Description - EPT7063G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7045GM PCA-EPT7045GM Datasheet
70Kb / 2P
Token Ring Transceiver Module
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
Token Ring Transceiver Module
EPT7074G PCA-EPT7074G Datasheet
31Kb / 1P
Token Ring Transceiver Module
EPT7075 PCA-EPT7075 Datasheet
35Kb / 1P
Token Ring Transceiver Module
EPT7076 PCA-EPT7076 Datasheet
39Kb / 2P
Token Ring Transceiver Module
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
Token Ring Transceiver
EPT7082S PCA-EPT7082S Datasheet
30Kb / 1P
Token Ring Transceiver Module
EPT7084G PCA-EPT7084G Datasheet
38Kb / 2P
Token Ring Transceiver Module
EPT7063G PCA-EPT7063G_99 Datasheet
49Kb / 1P
Token Ring Transceiver Module
EPT7084G PCA-EPT7084G_99 Datasheet
49Kb / 1P
Token Ring Transceiver Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com