Electronic Components Datasheet Search
  English  ▼

X  

74LVC3G34 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74LVC3G34
Description  TRIPLE BUFFER GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC3G34 Datasheet(HTML) 3 Page - Diodes Incorporated

  74LVC3G34 Datasheet HTML 1Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 2Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 3Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 4Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 5Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 6Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 7Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74LVC3G34
Document number: DS44933 Rev. 1 - 2
3 of 8
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
74LVC3G34
Recommended Operating Conditions (Note 6)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Operating Voltage
Operating
1.65
5.5
V
Data Retention Only
1.5
—
V
VIH
High-Level Input Voltage
VCC = 1.65V to 1.95V
0.65 X VCC
—
V
VCC = 2.3V to 2.7V
1.7
—
VCC = 3V to 3.6V
2
—
VCC = 4.5V to 5.5V
0.7 X VCC
—
VIL
Low-Level Input Voltage
VCC = 1.65V to 1.95V
—
0.35 X VCC
V
VCC = 2.3V to 2.7V
—
0.7
VCC = 3V to 3.6V
—
0.8
VCC = 4.5V to 5.5V
—
0.3 X VCC
VI
Input Voltage
—
0
5.5
V
VO
Output Voltage
—
0
VCC
V
IOH
High-Level Output Current
VCC = 1.65V
—
-4
mA
VCC = 2.3V
—
-8
VCC = 3V
—
-16
—
-24
VCC = 4.5V
—
-32
IOL
Low-Level Output Current
VCC = 1.65V
—
4
mA
VCC = 2.3V
—
8
VCC = 3V
—
16
—
24
VCC = 4.5V
—
32
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 1.8V ±0.15V, 2.5V ±0.2V
—
20
ns/V
VCC = 1.65V to 2.7V
—
10
VCC = 2.7V to 5V
—
5
TA
Operating Free-Air Temperature
—
-40
+125
ºC
Note:
6. Unused inputs should be held at VCC or Ground for device proper operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com