Electronic Components Datasheet Search
  English  ▼

X  

ABS10M Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ABS10M
Description  1A SURFACE MOUNT STANDARD RECOVERY BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ABS10M Datasheet(HTML) 4 Page - Diodes Incorporated

  ABS10M Datasheet HTML 1Page - Diodes Incorporated ABS10M Datasheet HTML 2Page - Diodes Incorporated ABS10M Datasheet HTML 3Page - Diodes Incorporated ABS10M Datasheet HTML 4Page - Diodes Incorporated ABS10M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ABS10M
Document number: DS43916 Rev. 2 - 2
4 of 5
www.diodes.com
January 2022
© Diodes Incorporated
ABS10M
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOPA-4 (Type WX)
SOPA-4
(Type WX)
Dim
Min
Max
Typ.
A
1.20
1.40
--
A1
0.00
0.15
--
A2
1.20
1.30
--
A3
0.43
0.63
--
b
0.50
0.80
--
c
0.10
0.30
--
D
4.85
5.25
--
D4
0.45
0.85
--
e
3.80
4.20
--
E
6.40
6.80
--
E1
4.25
4.65
--
E3
5.20
5.60
--
E4
0.45
0.85
--
L
0.40
0.80
--
Ø
--
--
7°
Ø1
--
--
7°
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOPA-4 (Type WX)
Dimensions
Value
(in mm)
C
4.00
X
1.20
Y
1.80
Y1
7.20
A
E
e
b
c
E1
D
A1
S eating Plane
ø
A2
A3
ø1
L
E3
Ø 0.6+/-0.03
( Pin#1)
E4
D4
Depth: 0.02-0.08
Y
C
X
Y1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com