Electronic Components Datasheet Search
  English  ▼

X  

BAS40W Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS40W
Description  Schottky barrier double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS40W Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS40W Datasheet HTML 1Page - NXP Semiconductors BAS40W Datasheet HTML 2Page - NXP Semiconductors BAS40W Datasheet HTML 3Page - NXP Semiconductors BAS40W Datasheet HTML 4Page - NXP Semiconductors BAS40W Datasheet HTML 5Page - NXP Semiconductors BAS40W Datasheet HTML 6Page - NXP Semiconductors BAS40W Datasheet HTML 7Page - NXP Semiconductors BAS40W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 26
4
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAS40W series
GRAPHICAL DATA
Fig.6
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 150 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
handbook, halfpage
10 2
10
1
10 2
0
MLC361 - 1
0.6
0.8
0.4
0.2
1.0
V (V)
10 1
I F
(mA)
F
(1)
(2)
(3)
(4)
Fig.7
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 150 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
103
102
10−1
10−2
10
1
0
MLC362
20
10
40
30
VR (V)
IR
(
µA)
(1)
(2)
(3)
Fig.8
Differential forward resistance as a function
of forward current; typical values.
f = 10 KHz.
handbook, halfpage
MLC364
110
10
2
1
10 3
10
102
10 1
r diff
(
Ω)
I (mA)
F
Fig.9
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.
handbook, halfpage
010
20
40
30
5
0
4
MLC363
3
2
1
VR (V)
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com