Electronic Components Datasheet Search
  English  ▼

X  

RT1250B7 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT1250B7
Description  LVPECL Terminators RoHS Compliant Parts Available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT1250B7 Datasheet(HTML) 2 Page - CTS Corporation

  RT1250B7 Datasheet HTML 1Page - CTS Corporation RT1250B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
March 06
www.ctscorp.com
LVPECL Terminators
Complete ClearONE Product, Processing, and Application Information can be found at the following link:
http://www.ctscorp.com/components/clearone.asp
Solder Mask Dia = Pad
Diameter +.15mm (.006 inch)
BGA Routing Scheme
Blind vias to V
EE
reference plane layer
recommended on
every other row as
shown.
Signal Lines -
9 mil trace width
or similar to
achieve
controlled 50
Ohm
transmission line
impedance Zo.
Blind vias to V
CC
reference plane layer
recommended on
every other row as
shown.
Mechanical Diagram
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_250B_
CTS YRWK
D
1.00mm Pitch
L
W
H
P
D
K
mm
8.00
±0.15
3.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
RT1250B7
RT2250B7
inch
.315
±.006
.118
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010
1.27mm Pitch
L
W
H
P
D
K
mm
10.16
±0.15
3.81
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
RT1250B6
RT2250B6
inch
.400
±.006
.150
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com