Electronic Components Datasheet Search
  English  ▼

X  

RT1450B6 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT1450B6
Description  GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT1450B6 Datasheet(HTML) 2 Page - CTS Corporation

  RT1450B6 Datasheet HTML 1Page - CTS Corporation RT1450B6 Datasheet HTML 2Page - CTS Corporation RT1450B6 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
March 06
www.ctscorp.com
GTL, GTL+, AGTL+ Terminator
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information
Solder Mask Dia = Pad
Diameter +.15mm (.006 inch)
Cross Talk Performance (50 ohm Network)
A
C
B
H
1nS
250mV
Aggressor
D
E
F
I
Aggressor on
Lead A
250mV 1nS
Rise Time
Measured
Voltage
(Peak to Peak)
Victim B
3.3 mV
Victim C
1.9 mV
Victim D
1.5 mV
Victim E
1.5 mV
Victim F
1.5 mV
Victim H
2.1 mV
Victim I
3.3 mV
Aggressor on
Lead B
250mV 1nS
Rise Time
Measured
Voltage
(Peak to Peak)
Victim A
3.2 mV
Victim C
2.7 mV
Victim D
1.8 mV
Victim E
1.4 mV
Victim F
1.5 mV
Victim H
1.5 mV
Victim I
2.0 mV
Routing Examples
16 Bit , 3 x 6 Array
(10X)
Signal
Lines
8 Bit , 3 x 3 Array
(10X)
Signal
Lines
Blind via to Vtt
reference plane layer.
Open via’s on top of
land pads are not
recommended due to
solder wicking.
1.27 mm pitch land
patterns are shown.
32 Bit , 3 x 12 Array
(5X)
5 mil line widths shown.
0
10
20
30
40
50
60
70
80
90
100
F requency R esponse for 50 ohm Netw ork
MHz
Frequency P erform ance (5 0 oh m Ne tw ork)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com