Electronic Components Datasheet Search
  English  ▼

X  

VCX2154A Datasheet(PDF) 1 Page - CTS Corporation

Part # VCX2154A
Description  Surface mount 15.88 mm SQ (.625 SQ)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCX2154A Datasheet(HTML) 1 Page - CTS Corporation

  VCX2154A Datasheet HTML 1Page - CTS Corporation VCX2154A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Specifications
:
VCX2154A
Specification
Center Frequency Fo
1000.00 MHz
Supply Voltage (
± 5%)
3.3V
Current Drain
100 mA max.
Aging (typical)
+/-1ppm/yr @25C; +/-5ppm max over 10 yr
Overall Frequency Stability including
Temperature, Supply, 2:1 VSWR load,
and Aging
± 20 ppm
Operating Temperature
-40° to +85°C
Tuning Voltage Range
0.15V to 3.15V
Frequency Adjust over tuning voltage
range
± 80 ppm over operating temperature
Linearity
± 10% max.
RMS phase jitter
< 5 psec
RMS phase jitter (50 kHz to 80 MHz)
< 1 psec
Revision: 1.1
2150A
1280M
0203
CTS
PAT. PEND.
CTS Wireless Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
Tel. (800) 757-6686 Fax: (630) 295-6606
www.ctscorp.com
Model VCX2154A
VCXO
Features:
• 1000.00 MHz VCXO
• Low Profile Surface Mount Package
• Excellent solder reflow performance
• PCB Substrate for excellent TCE match
Description
and Applications:
Surface mount 15.88 mm SQ (.625”SQ)
VCXO operating at a 3.3V supply with
complementary CML outputs for use in
datacom applications
.
VCX2154A
1000M
CTS
03XX


Similar Part No. - VCX2154A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCX2150A CTS-VCX2150A Datasheet
67Kb / 2P
Surface mount 15.88 mm SQ (.625 SQ)
More results

Similar Description - VCX2154A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCX2150A CTS-VCX2150A Datasheet
67Kb / 2P
Surface mount 15.88 mm SQ (.625 SQ)
logo
TAI-SAW TECHNOLOGY CO.,...
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
SAW Filter 1960MHz SMD 3.0 mm SQ
logo
Cree, Inc
C12410 CREE-C12410 Datasheet
649Kb / 7P
Strada-SQ series
logo
Samtec, Inc
TSM-105-01-T-DV-P-TR SAMTEC-TSM-105-01-T-DV-P-TR Datasheet
1Mb / 2P
SMT .025" SQ POST HEADER
TSM-125-01-S-DV SAMTEC-TSM-125-01-S-DV Datasheet
1Mb / 2P
SMT .025" SQ POST HEADER
logo
List of Unclassifed Man...
SQMW51R0J ETC2-SQMW51R0J Datasheet
255Kb / 3P
Type SQ Series
logo
Tyco Electronics
1-1623788-0 MACOM-1-1623788-0 Datasheet
255Kb / 3P
Type SQ Series
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
Type SQ Series
SQMR547KJ MACOM-SQMR547KJ Datasheet
255Kb / 3P
Type SQ Series
logo
Samtec, Inc
ZW-01-09-L-S-545-090 SAMTEC-ZW-01-09-L-S-545-090 Datasheet
164Kb / 1P
FLEXIBLE .025 SQ BOARD STACKERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com