Electronic Components Datasheet Search
  English  ▼

X  

RT2402B6 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT2402B6
Description  DDR SDRAM Terminator RoHS Compliant Parts Available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2402B6 Datasheet(HTML) 2 Page - CTS Corporation

  RT2402B6 Datasheet HTML 1Page - CTS Corporation RT2402B6 Datasheet HTML 2Page - CTS Corporation RT2402B6 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
July 06
www.ctscorp.com
DDR SDRAM Terminator
BGA Routing Scheme
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information
Solder Mask Dia = Pad
Diameter +.15mm (.006 inch)
.005 Inch
Wide Traces
1.00 mm Pitch Package
1.27 mm Pitch Package
RT2402B7
RT2402B6
RT2404B6
RT2404B7
.008" Trace Width to
VTT Island
.010" Trace Width to
VTT Island
.005 Inch
Wide Traces
Mechanical Diagrams
K
P (Pitch)
D
L
W
H
P (Pitch)
A1 Identifier
RT_40_B_
CTS YRWK
1.27mm Pitch
L
W
H
P
D
K
mm
11.43
±0.15
3.81
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
Styles
H & F
inch
.450
±.006
.150
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
1.0mm Pitch
L
W
H
P
D
K
mm
9.00
±0.15
3.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
Styles
H & F
inch
.354
±.006
.118
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_40_B_
CTS YRWK
D
1.27mm Pitch
L
W
H
P
D
K
mm
11.43
±0.15
5.08
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
Style C
inch
.450
±.006
.200
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
1.0mm Pitch
L
W
H
P
D
K
mm
9.00
±0.15
4.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
Style C
inch
.354
±.006
.157
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com