Electronic Components Datasheet Search
  English  ▼

X  

EPT7069G Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPT7069G
Description  120W Token Ring Front End Filter Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7069G Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPT7069G Datasheet HTML 1Page - PCA ELECTRONICS INC. EPT7069G Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CST7069Gb
Rev. 1
7/7/98
120
Ω Token Ring Front End Filter Module
Typical Application Circuit Connection to TI380C30 (or Equivalent)
E L E C T R O N I C S I N C .
EPT7069G
The circuit below is a guideline for interconnecting PCA’s EPT7069G with a typical Token Ring PHY chip for 4 Mb/16Mb
applications over STP or UTP cable.
Further details of system design should be obtained from the specific chip
manufacturer. Note that this module is optimized for a “voltage source” driver such as TI380C series. Only one type of
cable should be driven by the module: either UTP or STP. This module is ideally suited for applications with only one RJ45
connector installed. Changing to STP is accomplished by using an adaptor without any need for additional impedance
transforming device embedded in it. The same approach is usable if one were to drive the European standard 120
Ω cable,
which poses no problems.
Note that the receiver side filtering is identical, thus making it possible for use in a DTR application as well. Consider this a
cost effective solution for almost all Token Ring applications using this chip or similar chips.
The pull down resistors to chassis via a cap shown around the RJ45 connector have been known to suppress unwanted
radiation that unused wires pick up from the immediate environment. This is specially true if driving UTP cable. Their
placement and use are to be considered carefully before a design is finalized.
No specific recommendation is made here for phantom circuitry, implementation varies. Please note that additional
emission control has been observed if both nodes of the phantom bypass capacitor on the transmit channel are pulled to
the chassis ground via suitable capacitors.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.05 inches away from the chip side pins of EPT7069G. There need not be any ground plane beyond
this point.
For best results, PCB designer should design the outgoing traces preferably to be 75
Ω/50Ω, balanced and well coupled to
achieve minimum radiation from these traces.
Notes : 1. Suggested phantom circuit is for reference only. Applications Vary.
2. Phantom return on Rcv channel at pins 11 and 12 are not shown.
3. Your application may suffice by using an external inductor pulled to ground.
4. C* : Primary center taps may be pulled to ground by Caps to enhance common mode attenuation.
TI380C30
RJ45
4
5
3
6
Rcv+
PHOUTA
Chassis
Ground
2
3
12
11
Rcv-
PHOUTB
Xmit-
Xmit+
2
3
50
Ω/2W
50
Ω/2W
11
12
+5V
+5V
10µF
10µF
8
7
12
100
Ω
100
Ω
EPT7069G
13
10
6
4
Rcv Channel
EPT7069G
13
10
C*
6
4
Xmit Channel
Chassis
Ground
RU
TU
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com