Electronic Components Datasheet Search
  English  ▼

X  

DEDN184F Datasheet(PDF) 1 Page - Belden Inc.

Part # DEDN184F
Description  Indoor/Outdoor Digital Electricity™, 4 Pr #18 Str TC, O/A Foil, PVC Jkt, CL4,CMG, Wet Locations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

DEDN184F Datasheet(HTML) 1 Page - Belden Inc.

  DEDN184F Datasheet HTML 1Page - Belden Inc. DEDN184F Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: DEDN184F
Indoor/Outdoor Digital Electricity™, 4 Pr #18 Str TC, O/A Foil, PVC Jkt, CL4,
CMG, Wet Locations
Product Description
Indoor/Outdoor Digital Electricity™ Copper Cable, 4 Twisted Pair 18 AWG (7 x 26) Stranded Tinned Copper, PVC Insulation, Overall foil shield, Black PVC
Jacket, Ripcord, CL4, CMG, Wet Locations, 2000 Ft Reel
Technical Specifications
Product Overview
Suitable Applications:
Digital Electricity™, Fault Managed Power Systems (FMPS), remote powering, wet locations, in-conduit
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
18
7x26
TC - Tinned Copper 4
Total Number of Pairs:
4
Insulation
Material
Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.017 in
Color Chart
Number
Color
1
Black & Red
2
Black & White
3
Black & Green
4
Black & Blue
Outer Shield
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG
Tape Bi-Laminate (Alum+Poly) Beldfoil®
100%
TC - Tinned Copper 20
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.432 in
0.040 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
6.4 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
29.25 pF/ft
52.5 pF/ft
Current
Max. Recommended Current [A]


Similar Part No. - DEDN184F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DEDN184U BELDEN-DEDN184U Datasheet
233Kb / 2P
Indoor/Outdoor Digital Electricity Copper Cable, #18-4pr, TC, PVC, CMG, PVC Jkt
More results

Similar Description - DEDN184F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DEDN142F BELDEN-DEDN142F Datasheet
135Kb / 2P
Indoor/Outdoor Digital Electricity™, 2 Pr #14 Str TC, O/A Foil, PVC Jkt, CL4,CL3, Wet Locations
04-24-2023
DEDN144F BELDEN-DEDN144F Datasheet
138Kb / 2P
Indoor/Outdoor Digital Electricity™, 4 Pr #14 Str TC, O/A Foil, PVC Jkt, CL4,CL3, Wet Locations
04-24-2023
DEDN144U BELDEN-DEDN144U Datasheet
149Kb / 2P
Indoor/Outdoor Digital Electricity™, 4 Pr #14 Str TC, PVC Jkt, CL4, CL3, Wet Locations
04-24-2023
DEDN148F BELDEN-DEDN148F Datasheet
140Kb / 2P
Indoor/Outdoor Digital Electricity™, 8 Pr #14 Str TC, O/A Foil, PVC Jkt, CL4,CL3, Wet Locations
04-24-2023
DEDN148U BELDEN-DEDN148U Datasheet
151Kb / 2P
Indoor/Outdoor Digital Electricity™, 8 Pr #14 Str TC, PVC, PVC Jkt, CL4, CL3, Wet Locations
04-24-2023
DEDN162F BELDEN-DEDN162F Datasheet
136Kb / 2P
Indoor/Outdoor Digital Electricity™, 2 Pr #16 Str TC, O/A Foil, PVC Jkt, CL4,CMG, Wet Locations
04-24-2023
DEDN164F BELDEN-DEDN164F Datasheet
138Kb / 2P
Indoor/Outdoor Digital Electricity™, 4 Pr #16 Str TC, O/A Foil, PVC Jkt, CL4,CMG, Wet Locations
04-24-2023
DEDN168F BELDEN-DEDN168F Datasheet
140Kb / 2P
Indoor/Outdoor Digital Electricity™, 8 Pr #16 Str TC, O/A Foil, PVC Jkt, CL4,CMG, Wet Locations
04-24-2023
DEDN182F BELDEN-DEDN182F Datasheet
136Kb / 2P
Indoor/Outdoor Digital Electricity™, 2 Pr #18 Str TC, O/A Foil, PVC Jkt, CL4,CMG, Wet Locations
04-24-2023
DEDN188F BELDEN-DEDN188F Datasheet
141Kb / 3P
Indoor/Outdoor Digital Electricity™, 8 Pr #18 Str TC, O/A Foil, PVC Jkt, CL4,CMG, Wet Locations
04-24-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com