Electronic Components Datasheet Search
  English  ▼

X  

AH1711 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1711
Description  LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1711 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1711 Datasheet HTML 1Page - Diodes Incorporated AH1711 Datasheet HTML 2Page - Diodes Incorporated AH1711 Datasheet HTML 3Page - Diodes Incorporated AH1711 Datasheet HTML 4Page - Diodes Incorporated AH1711 Datasheet HTML 5Page - Diodes Incorporated AH1711 Datasheet HTML 6Page - Diodes Incorporated AH1711 Datasheet HTML 7Page - Diodes Incorporated AH1711 Datasheet HTML 8Page - Diodes Incorporated AH1711 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AH1711/AH1712/AH1713/AH1714
Document number: DS45410 Rev. 1 - 2
4 of 12
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AH1711/AH1712/AH1713/AH1714
Magnetic Characteristics (Notes 11 & 12) (TA = -40°C to +125°C, VDD = 2.4V to 5.5V, unless otherwise specified.)
(1mT = 10 Gauss)
Part Name
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Output Polarity
AH1711
Bop
Operation Point
TA = -40°C to +125°C
-2
7
20
Gauss
Direct
Brp
Release Point
TA = -40°C to +125°C
-20
-7
2
BHY
Hysteresis (Note 13)
TA = -40°C to +125°C
3.5
14
—
AH1712
Bop
Operation Point
TA = -40°C to +125°C
5
18
37
Gauss
Direct
Brp
Release Point
TA = -40°C to +125°C
-37
-18
-5
BHY
Hysteresis (Note 13)
TA = -40°C to +125°C
23
36
—
AH1713
Bop
Operation Point
TA = -40°C to +125°C
16
50
81
Gauss
Direct
Brp
Release Point
TA = -40°C to +125°C
-81
-50
-16
BHY
Hysteresis (Note 13)
TA = -40°C to +125°C
60
100
—
AH1714
Bop
Operation Point
TA = -40°C to +125°C
5
18
37
Gauss
Inverted
Brp
Release Point
TA = -40°C to +125°C
-37
-18
-5
BHY
Hysteresis (Note 13)
TA = -40°C to +125°C
23
36
—
Notes:
11. When power is initially turned on, VDD must be within its correct operating range (2.4V to 5.5V) to guarantee the output sampling. The output state is
valid after the startup time of 38µs typical from the operating voltage reaching 2.4V.
12. Typical values are defined at TA = +25°C. Maximum and minimum values over the operating temperature range is not tested in production but
guaranteed by design, process control and characterization.
13. Maximum and minimum hysteresis is guaranteed by design, process control and characterization.
VDD
Brp
Bop
0
( Magnetic Flux Density B )
Output
Turn off
Turn on
(Off-state)
VOUT_ON = VSAT
BHY
(On-state)
South
North
VDD
Brp
Bop
0
( Magnetic Flux Density B )
Output
Turn on
Turn off
(On-state)
VOUT_ON = VSAT
BHY
(Off-state)
South
North
AH1711, AH1712, AH1713
AH1714
Part mark
N
S
(SOT23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com