Electronic Components Datasheet Search
  English  ▼

X  

AH1712 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1712
Description  LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1712 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1712 Datasheet HTML 1Page - Diodes Incorporated AH1712 Datasheet HTML 2Page - Diodes Incorporated AH1712 Datasheet HTML 3Page - Diodes Incorporated AH1712 Datasheet HTML 4Page - Diodes Incorporated AH1712 Datasheet HTML 5Page - Diodes Incorporated AH1712 Datasheet HTML 6Page - Diodes Incorporated AH1712 Datasheet HTML 7Page - Diodes Incorporated AH1712 Datasheet HTML 8Page - Diodes Incorporated AH1712 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AH1897S
Document number: DS37559 Rev. 2 - 2
4 of 8
www.diodes.com
February 2020
© Diodes Incorporated
AH1897S
Magnetic Characteristics (TA = +25°C, VDD = 3.0V, unless otherwise specified)
(1mT=10 Gauss)
Symbol
Characteristics
Min
Typ
Max
Unit
Bops (South Pole to Part Marking Side)
Operation Point
14
30
40
Gauss
Bopn (North Pole to Part Marking Side)
-40
-30
-14
Brps (South Pole to Part Marking Side)
Release Point
10
20
35
Brpn (North Pole to Part Marking Side)
-35
-20
-10
BHY (|Bopx|-|Brpx|)
Hysteresis
―
10
―
BHY
Brps Bops
0
Turn off
(Off-state)
(On-state)
( Magnetic Flux Density B )
OUTPUT
BHY
VDD
(Off-state)
Turn on
Bopn Brpn
Turn off
Turn on
(On-state)
VOH
VOH
VOL
VOL = VSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com