Electronic Components Datasheet Search
  English  ▼

X  

AH1713 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH1713
Description  LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1713 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH1713 Datasheet HTML 1Page - Diodes Incorporated AH1713 Datasheet HTML 2Page - Diodes Incorporated AH1713 Datasheet HTML 3Page - Diodes Incorporated AH1713 Datasheet HTML 4Page - Diodes Incorporated AH1713 Datasheet HTML 5Page - Diodes Incorporated AH1713 Datasheet HTML 6Page - Diodes Incorporated AH1713 Datasheet HTML 7Page - Diodes Incorporated AH1713 Datasheet HTML 8Page - Diodes Incorporated AH1713 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AH1897S
Document number: DS37559 Rev. 2 - 2
2 of 8
www.diodes.com
February 2020
© Diodes Incorporated
AH1897S
Typical Applications Circuit
AH1897S
1.6V to 3.6V
OUTPUT
GND
CIN
VDD
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 100nF typical.
Pin Descriptions
Package: X1-DFN1216-4 (Type B) without Center Exposed Pad
Pin Number
Pin Name
Function
1
VDD
Power Supply Input
2
GND
Ground Pin
3
NC
No Connection (Note 5)
4
OUTPUT
Output Pin
Note:
5.
NC is “No Connection” pin and is not connected internally. This pin can be left open or tied to ground.
Functional Block Diagram
Latch
and
Output
Driver
Controller
Sleep/Awake Logic
and Power Switch
VDD
Hall
Plate
Amp
OUTPUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com