Electronic Components Datasheet Search
  English  ▼

X  

AH1913 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH1913
Description  ULTRA HIGH SENSITIVITY DIGITAL OMNIPOLAR HALL-EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1913 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH1913 Datasheet HTML 1Page - Diodes Incorporated AH1913 Datasheet HTML 2Page - Diodes Incorporated AH1913 Datasheet HTML 3Page - Diodes Incorporated AH1913 Datasheet HTML 4Page - Diodes Incorporated AH1913 Datasheet HTML 5Page - Diodes Incorporated AH1913 Datasheet HTML 6Page - Diodes Incorporated AH1913 Datasheet HTML 7Page - Diodes Incorporated AH1913 Datasheet HTML 8Page - Diodes Incorporated AH1913 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AH1913
Absolute Maximum Ratings (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (Note 7)
6
V
VDD_REV
Reverse Supply Voltage
-0.3
V
IOUTPUT
Output Current (Source and Sink)
1
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
SC59 and X1-DFN1216-4
230
mW
Ts
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
150
°C
ESD HBM
Human Body Model (HMB) ESD Capability
6
kV
Notes:
6. Stresses greater than the Absolute Maximum Ratings specified above can cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
7. The absolute maximum VDD of 6V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to operate the
device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
1.6 to 5.5
V
TA
Operating Temperature Range
Operating
-40 to +85
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Output Low Voltage (on)
IOUT = 0.1mA
—
0.1
0.25
V
VOH
Output High Voltage (off)
IOUT = -0.1mA
VDD - 0.25 VDD - 0.1
—
V
IDD(awake)
Supply Current
During ‘Awake’ Period,
VDD = 1.8V
—
0.72
—
mA
IDD(sleep)
During ‘Sleep’ Period,
VDD = 1.8V
—
0.36
—
µA
IDD(avg)
Average Supply Current
VDD = 1.8V
—
12
22
µA
TA = -40°C ~ 85°C, VDD =1.6V to 5.5V
—
12
41
µA
Tawake
Awake Time
(Note 7)
30
45
80
µs
Tperiod
Period
(Note 7)
1.4
2.8
5.6
ms
D.C.
Duty Cycle
—
—
1.6
—
%
Note:
7. When power is initially turned on, the operating VDD (1.6V to 5.5V) must be applied to guaranteed the output sampling. The output state is valid after the
second operating cycle (typical 5.6ms).
IDD(sleep)
IDD(awake)
Tawake
Tperiod
0
Sample and output
latched
Tsleep
IDD(avg)
AH1913
Document number: DS41111 Rev. 2 - 2
3 of 10
www.diodes.com
March 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com