Electronic Components Datasheet Search
  English  ▼

X  

MK3721 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MK3721
Description  LOW COST 16.2 TO 28 MHZ 3.3 VOLT VCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MK3721 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MK3721 Datasheet HTML 1Page - Renesas Technology Corp MK3721 Datasheet HTML 2Page - Renesas Technology Corp MK3721 Datasheet HTML 3Page - Renesas Technology Corp MK3721 Datasheet HTML 4Page - Renesas Technology Corp MK3721 Datasheet HTML 5Page - Renesas Technology Corp MK3721 Datasheet HTML 6Page - Renesas Technology Corp MK3721 Datasheet HTML 7Page - Renesas Technology Corp MK3721 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MK3721
LOW COST 16.2 TO 28 MHZ 3.3 VOLT VCXO
VCXO
IDT™ / ICS™ LOW COST 16.2 TO 28 MHZ 3.3 VOLT VCXO
2
MK3721
REV E 103003
Pin Assignment
Pin Descriptions
X1
VDD
VI N
DC
GND
REFOUT
DC
X2
1
2
3
4
8
7
6
5
M K 372 1S
M K 372 1D
8 - P i n (1 5 0 m il) S O IC
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI
Input
Crystal connection. Connect to the external pullable crystal.
2
VDD
Power
Connect to +3.3 V (0.01
µf decoupling capacitor recommended).
3
VIN
Input
Voltage input to VCXO. Zero to 3.3 V signal which controls the
VCXO frequency.
4
GND
Power
Connect to ground.
5
DC
--
Do not connect to this pin.
6
REFOUT
Output
VCXO CMOS level clock output matches the nominal frequency of
the crystal.
7
DC
--
Do not connect anything to this pin.
8
X2
Input
Crystal connection. Connect to a pullable 16.2 to 28 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com