Electronic Components Datasheet Search
  English  ▼

X  

AH49FQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH49FQ
Description  LINEAR HALL EFFECT IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH49FQ Datasheet(HTML) 3 Page - Diodes Incorporated

  AH49FQ Datasheet HTML 1Page - Diodes Incorporated AH49FQ Datasheet HTML 2Page - Diodes Incorporated AH49FQ Datasheet HTML 3Page - Diodes Incorporated AH49FQ Datasheet HTML 4Page - Diodes Incorporated AH49FQ Datasheet HTML 5Page - Diodes Incorporated AH49FQ Datasheet HTML 6Page - Diodes Incorporated AH49FQ Datasheet HTML 7Page - Diodes Incorporated AH49FQ Datasheet HTML 8Page - Diodes Incorporated AH49FQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AH49FQ
Document number: DS45387 Rev. 1 - 2
3 of 9
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH49FQ
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
10
V
VCC_INST
Instantaneous Supply Voltage
50
V
PD
Power Dissipation
230
mW
TA
Ambient Temperature
-40 to +125
°C
TSTG
Storage Temperature
-50 to +150
°C
—
ESD (Human Body Model)
3000
V
—
ESD (Charged Device Model)
2000
V
Note:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
Recommended Operating Conditions (@TA = +25°C)
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
3
8
V
TOP
Operating Temperature
-40
+105
°C
Electrical Characteristics (@VCC = 5V, TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
ICC
Supply Current
—
2
3
4
mA
TA = -40°C to +105°C
—
3
6.5
VNULL
Quiescent Output
Voltage
B = 0 (Gauss)
2.25
2.5
2.75
V
B = 0 (Gauss),
TA = -40°C to +105°C
2.2
2.5
2.8
VSEN
Output Voltage
Sensitivity
B = 0 to ±600 (Gauss)
1.7
2.1
2.5
mV/Gauss
B = 0 to ±600 (Gauss)
TA = -40°C to +105°C
0.7
2.1
3.3
VOUT_S
Output Voltage Span
—
1.0 to (VCC -1.0)
0.8 to (VCC -0.8)
—
V
ROUT
Output Resistor
—
—
60
120
Ω
B
Linear Magnetic Range
—
±500
±800
—
Gauss
—
Linearity of Span
—
—
0.7
—
%
—
Output Noise
Bandwidth = 410Hz to
10kHz
—
90
—
μV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com