Electronic Components Datasheet Search
  English  ▼

X  

ALS5W15A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ALS5W15A
Description  Surface Mount Load Dump Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ALS5W15A Datasheet(HTML) 2 Page - Diodes Incorporated

  ALS5W15A Datasheet HTML 1Page - Diodes Incorporated ALS5W15A Datasheet HTML 2Page - Diodes Incorporated ALS5W15A Datasheet HTML 3Page - Diodes Incorporated ALS5W15A Datasheet HTML 4Page - Diodes Incorporated ALS5W15A Datasheet HTML 5Page - Diodes Incorporated ALS5W15A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part Number
Breakdown
Voltage
VBR
(V)
Test
Current
IT
(mA)
Stand-OFF
Voltage
VWM
(V)
Maximum
Reverse
Leakage at VWM
ID (uA)
Maximum
Leakage
at VWM
TJ = 175
℃
ID (uA)
Max. Peak Pulse
Current at
10/1000 us
Waveform (A)
Maximum
Clamping
Voltage at IPPM
VC (V)
Min.
Max.
ALS5W10A
11.1
12.3
5.0
10.0
15
250
211
17.0
ALS5W11A
12.2
13.5
5.0
11.0
10
150
198
18.2
ALS5W12A
13.3
14.7
5.0
12.0
10
150
181
19.9
ALS5W13A
14.4
15.9
5.0
13.0
10
150
167
21.5
ALS5W14A
15.6
17.2
5.0
14.0
10
150
155
23.2
ALS5W15A
16.7
18.5
5.0
15.0
10
150
148
24.4
ALS5W16A
17.8
19.7
5.0
16.0
10
150
138
26.0
ALS5W17A
18.9
20.9
5.0
17.0
10
150
130
27.6
ALS5W18A
20.0
22.1
5.0
18.0
10
150
123
29.2
ALS5W20A
22.2
24.5
5.0
20.0
10
150
111
32.4
ALS5W22A
24.4
26.9
5.0
22.0
10
150
101
35.5
ALS5W24A
26.7
29.5
5.0
24.0
10
150
93
38.9
ALS5W26A
28.9
31.9
5.0
26.0
10
150
86
42.1
ALS5W28A
31.1
34.4
5.0
28.0
10
150
79
45.4
ALS5W30A
33.3
36.8
5.0
30.0
10
150
74
48.4
ALS5W33A
36.7
40.6
5.0
33.0
10
150
68
53.3
ALS5W36A
40.0
44.2
5.0
36.0
10
150
62
58.1
ALS5W40A
44.4
49.1
5.0
40.0
10
150
56
64.5
ALS5W43A
47.8
52.8
5.0
43.0
10
150
52
69.4
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Units
Peak pulse power dissipation
10/1000 μs waveform
PPPM
3600
W
10/10 000 μs waveform
2800
Peak forward surge current 8.3 ms single half sine-wave
IFSM
500
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C
Note:
4. For all types maximum VF = 2.0V at IF = 100A measured on 8.3ms single half sine-wave.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com