Electronic Components Datasheet Search
  English  ▼

X  

ALS6W15A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ALS6W15A
Description  Surface Mount Load Dump Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ALS6W15A Datasheet(HTML) 2 Page - Diodes Incorporated

  ALS6W15A Datasheet HTML 1Page - Diodes Incorporated ALS6W15A Datasheet HTML 2Page - Diodes Incorporated ALS6W15A Datasheet HTML 3Page - Diodes Incorporated ALS6W15A Datasheet HTML 4Page - Diodes Incorporated ALS6W15A Datasheet HTML 5Page - Diodes Incorporated ALS6W15A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part Number
Breakdown
Voltage
VBR
(V)
Test
Current
IT
(mA)
Stand-OFF
Voltage
VWM
(V)
Maximum
Reverse
Leakage at VWM
ID (uA)
Maximum
Leakage
at VWM
TJ = 175
℃
ID (uA)
Max. Peak Pulse
Current at
10/1000 us
Waveform (A)
Maximum
Clamping
Voltage at IPPM
VC (V)
Min.
Max.
ALS6W10A
11.1
12.3
5.0
10.0
15
250
271
17.0
ALS6W11A
12.2
13.5
5.0
11.0
10
150
253
18.2
ALS6W12A
13.3
14.7
5.0
12.0
10
150
231
19.9
ALS6W13A
14.4
15.9
5.0
13.0
10
150
214
21.5
ALS6W14A
15.6
17.2
5.0
14.0
10
150
198
23.2
ALS6W15A
16.7
18.5
5.0
15.0
10
150
189
24.4
ALS6W16A
17.8
19.7
5.0
16.0
10
150
177
26.0
ALS6W17A
18.9
20.9
5.0
17.0
10
150
167
27.6
ALS6W18A
20.0
22.1
5.0
18.0
10
150
158
29.2
ALS6W20A
22.2
24.5
5.0
20.0
10
150
142
32.4
ALS6W22A
24.4
26.9
5.0
22.0
10
150
130
35.5
ALS6W24A
26.7
29.5
5.0
24.0
10
150
118
38.9
ALS6W26A
28.9
31.9
5.0
26.0
10
150
109
42.1
ALS6W28A
31.1
34.4
5.0
28.0
10
150
101
45.4
ALS6W30A
33.3
36.8
5.0
30.0
10
150
95
48.4
ALS6W33A
36.7
40.6
5.0
33.0
10
150
86
53.3
ALS6W36A
40.0
44.2
5.0
36.0
10
150
79
58.1
ALS6W40A
44.4
49.1
5.0
40.0
10
150
71
64.5
ALS6W43A
47.8
52.8
5.0
43.0
10
150
66
69.4
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Units
Peak pulse power dissipation
10/1000 μs waveform
PPPM
4600
W
10/10 000 μs waveform
3600
Peak forward surge current 8.3 ms single half sine-wave
IFSM
600
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C
Note:
4. For all types maximum VF = 1.9V at IF = 100A measured on 8.3ms single half sine-wave.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com