Electronic Components Datasheet Search
  English  ▼

X  

AMBTA92Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AMBTA92Q
Description  300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AMBTA92Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AMBTA92Q Datasheet HTML 1Page - Diodes Incorporated AMBTA92Q Datasheet HTML 2Page - Diodes Incorporated AMBTA92Q Datasheet HTML 3Page - Diodes Incorporated AMBTA92Q Datasheet HTML 4Page - Diodes Incorporated AMBTA92Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AMBTA92Q
Document number: DS40184 Rev. 1 - 2
2 of 5
www.diodes.com
May 2018
© Diodes Incorporated
AMBTA92Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-500
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient
(Note 6)
RJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 7)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted on minimum recommended pad layout 1oz copper that is on a single-sided FR-4 PCB; device is measured under still air
conditions whilst operating in a steady-state.
7. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Collector-Base Breakdown Voltage
BVCBO
-300
V
IC = -100µA
Collector-Emitter Breakdown Voltage
BVCEO
-300
V
IC = -1.0mA
Emitter-Base Breakdown Voltage
BVEBO
-5.0
V
IE = -100µA
Collector Cut-Off Current
ICBO
-250
nA
VCB = -200V
Emitter Cut-Off Current
IEBO
-100
nA
VEB = -3.0V
ON CHARACTERISTICS (Note 8)
DC Current Gain
hFE
25
40
25
IC = -1.0mA, VCE = -10V
IC = -10mA, VCE = -10V
IC = -30mA, VCE = -10V
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.5
V
IC = -20mA, IB = -2.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
-0.9
V
IC = -20mA, IB = -2.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
6.0
pF
VCB = -20V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
50
MHz
VCE = -20V, IC = -10mA,
f = 100MHz
Note:
8.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com