Electronic Components Datasheet Search
  English  ▼

X  

AP1522W Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1522W
Description  STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1522W Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1522W Datasheet HTML 1Page - Diodes Incorporated AP1522W Datasheet HTML 2Page - Diodes Incorporated AP1522W Datasheet HTML 3Page - Diodes Incorporated AP1522W Datasheet HTML 4Page - Diodes Incorporated AP1522W Datasheet HTML 5Page - Diodes Incorporated AP1522W Datasheet HTML 6Page - Diodes Incorporated AP1522W Datasheet HTML 7Page - Diodes Incorporated AP1522W Datasheet HTML 8Page - Diodes Incorporated AP1522W Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP1522
STEP-UP DC/DC CONVERTER
AP1522 Rev. 4 - 4
3 of 10
December 2017
www.diodes.com
© Diodes Incorporated
PART OBSOLETE
NO ALTERNATE PART
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
VIN Pin Voltage
10
V
VSW
SW Voltage
36
V
VFB
Feedback Pin Voltage
10
V
VSHDN
SHDN Pin Voltage
10
V
TJ
Maximum Junction Temperature
125
oC
TLEAD
Lead Temperature (Soldering for 10s.)
300
oC
TOPR
Operating Ambient Temperature Range
0 to +85
oC
TSTG
Storage Temperature Range
-40 to +125
oC
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be
exceeded under any conditions.
Electrical Characteristics (T
a = 25°C, VIN = 5V, VSHDN = 5V, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Minimum Operation Voltage
-
2.5
-
-
V
VIN
Maximum Operation Voltage
-
-
-
10
V
VFB
Feedback Pin Voltage
-
1.225
1.25
1.275
V
IFB
Feedback Pin Bias Current
-
10
45
100
nA
IIN
Supply Current
Operation Current
-
2
3
mA
VSHDN = 0V
-
0.1
1.0
μA
FSW
Switching Frequency
0.75
1.0
1.25
MHz
Duty
PWM Maximum Duty Cycle
85
90
-
%
ISW
Switch Current
280
320
360
mA
VSAT
Switch VSAT
ISW = 250mA
-
350
-
mV
Switch Leakage Current
VSW = 5V
-
0.1
5
μA
VSHDN
SHDN Pin Voltage High
Enable
0.6
-
-
V
VSHDN
SHDN Pin Voltage Low
Disable
-
-
0.5
V
ISHDN
SHDN Pin Bios Current
-
10
-
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com