Electronic Components Datasheet Search
  English  ▼

X  

AP3105D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3105D
Description  COST EFFECTIVE GREEN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3105D Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3105D Datasheet HTML 1Page - Diodes Incorporated AP3105D Datasheet HTML 2Page - Diodes Incorporated AP3105D Datasheet HTML 3Page - Diodes Incorporated AP3105D Datasheet HTML 4Page - Diodes Incorporated AP3105D Datasheet HTML 5Page - Diodes Incorporated AP3105D Datasheet HTML 6Page - Diodes Incorporated AP3105D Datasheet HTML 7Page - Diodes Incorporated AP3105D Datasheet HTML 8Page - Diodes Incorporated AP3105D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP3105D
Document number: DS36914
Rev. 2 - 2
3 of 13
www.diodes.com
February 2014
© Diodes Incorporated
AP3105D
A Product Line of
Diodes Incorporated
Functional Block Diagram
GND
GATE
250ns LEB
Driver
13V
Q
D
CLK
RB
DFF
OSC
0.85V
VCC_OVP
OLP
VCC
32V
28V
VCC_OVP
OVP
UVLO
UVLO
15.5V
8.6V
Internal
Bias
0.5V
Auto
Recovery
Protection
AP3105D
100μA
Line
Compensation
FB
R
2R
Burst
PWM
1.1V
Soft Start
0.5V
CTRL_
H
1.8V
Latch-off
Protection
OCP
32
mS Delay
OLP
FOCP
FOCP
2.5V
3.6V
0.6V
10K
CTRL_H
CTRL_L
CTRL_L
1
2
5
3
6
CTRL
SENSE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com