Electronic Components Datasheet Search
  English  ▼

X  

MPC9229AC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # MPC9229AC
Description  400MHz Low Voltage PECL Clock Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9229AC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button MPC9229AC Datasheet HTML 7Page - Renesas Technology Corp MPC9229AC Datasheet HTML 8Page - Renesas Technology Corp MPC9229AC Datasheet HTML 9Page - Renesas Technology Corp MPC9229AC Datasheet HTML 10Page - Renesas Technology Corp MPC9229AC Datasheet HTML 11Page - Renesas Technology Corp MPC9229AC Datasheet HTML 12Page - Renesas Technology Corp MPC9229AC Datasheet HTML 13Page - Renesas Technology Corp MPC9229AC Datasheet HTML 14Page - Renesas Technology Corp MPC9229AC Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MPC9229 REVISION 5 DECEMBER 19, 2012
13
©2012 Integrated Device Technology, Inc.
MPC9229 Data Sheet
400MHZ LOW VOLTAGE PECL CLOCK SYNTHESIZER
Revision History Sheet
Rev
Table
Page
Description of Change
Date
3
5
4
Per PCN N0611-01, changed Mimimum VOH =VCC - 1.02V to VCC - 1.11V.
10/19/2012
5
1
Per PDN N-12-24, Product Discontinuance Notice - Last Time Buy Expires on (12/3/13)
12/19/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com